Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 10Page - Analog Devices AD5522JSVDZ Datasheet HTML 11Page - Analog Devices AD5522JSVDZ Datasheet HTML 12Page - Analog Devices AD5522JSVDZ Datasheet HTML 13Page - Analog Devices AD5522JSVDZ Datasheet HTML 14Page - Analog Devices AD5522JSVDZ Datasheet HTML 15Page - Analog Devices AD5522JSVDZ Datasheet HTML 16Page - Analog Devices AD5522JSVDZ Datasheet HTML 17Page - Analog Devices AD5522JSVDZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 13 of 64
Circuit and Timing Diagrams
TO
OUTPUT
PIN
DVCC
RLOAD
2.2kΩ
CLOAD
50pF
VOL
Figure 3. Load Circuit for CGALM, TMPALM
VOH(MIN) – VOL(MAX)
2
200µA
IOL
200µA
IOH
TO OUTPUT
PIN
CLOAD
50pF
Figure 4. Load Circuit for SDO, BUSY Timing Diagram
SYNC
SCLK
SDI
BUSY
RESET
1
1
2
t3
t2
29
t4
t6
t5
t1
t7
t8
t9
DB28
(N)
DB0
(N)
DB28
(N+1)
DB0
(N + 1)
29
t10
t16
t17
BUSY
1LOAD ACTIVE DURING BUSY.
2LOAD ACTIVE AFTER BUSY.
LOAD1
FOHx1
LOAD2
FOHx2
t11
t12
t13
t14
t12
t15
Figure 5. SPI Write Timing (Write Word Contains 29 Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com