Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 32Page - Analog Devices AD5522JSVDZ Datasheet HTML 33Page - Analog Devices AD5522JSVDZ Datasheet HTML 34Page - Analog Devices AD5522JSVDZ Datasheet HTML 35Page - Analog Devices AD5522JSVDZ Datasheet HTML 36Page - Analog Devices AD5522JSVDZ Datasheet HTML 37Page - Analog Devices AD5522JSVDZ Datasheet HTML 38Page - Analog Devices AD5522JSVDZ Datasheet HTML 39Page - Analog Devices AD5522JSVDZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 35 of 64
SYSTEM FORCE AND SENSE SWITCHES
Each channel has switches to allow connection of the force
(FOHx) and sense (MEASVHx) lines to a central PMU for
calibration purposes. There is one set of SYS_FORCE and
SYS_SENSE pins per device. It is recommended that these
connections be made individually to each PMU channel.
FOH0
FOH1
FOH2
FOH3
SYS_FORCE
MEASVH0
MEASVH1
MEASVH2
MEASVH3
SYS_SENSE
Figure 50. SYS_FORCE and SYS_SENSE Connections to FOHx and MEASVHx Pins
TEMPERATURE SENSOR
An on-board temperature sensor monitors die temperature.
The temperature sensor is located at the center of the die. If the
temperature exceeds the factory specified value (130°C) or a
user programmable value, the device protects itself by shutting
down all channels and flagging an alarm through the latched,
open-drain TMPALM pin. Alarm status can be read back from
the alarm status register or the PMU register, where latched and
unlatched bits indicate whether an alarm has occurred and
whether the temperature has dropped below the set alarm
temperature. The shutdown temperature is set using the system
control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com