Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 29Page - Analog Devices AD5522JSVDZ Datasheet HTML 30Page - Analog Devices AD5522JSVDZ Datasheet HTML 31Page - Analog Devices AD5522JSVDZ Datasheet HTML 32Page - Analog Devices AD5522JSVDZ Datasheet HTML 33Page - Analog Devices AD5522JSVDZ Datasheet HTML 34Page - Analog Devices AD5522JSVDZ Datasheet HTML 35Page - Analog Devices AD5522JSVDZ Datasheet HTML 36Page - Analog Devices AD5522JSVDZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 32 of 64
MEASURE CURRENT GAINS
The measure current amplifier has two gain settings, 5 and 10.
The two gain settings allow users to achieve the quoted/specified
current ranges with large or small voltage swing. Use the 10 gain
setting with a 5 V reference, and use the 5 gain setting with a
2.5 V reference. Both combinations ensure the specified current
ranges. Using other VREF/gain setting combinations should
achieve smaller current ranges only. Achieving greater current
ranges than the specified ranges is outside the intended opera-
tion of the AD5522. The maximum guaranteed voltage across
RSENSE = ±1.125 V.
Following are examples of VREF/gain setting combinations. In
these examples, the offset DAC is at its default value of 0xA492.
•
VREF = 5 V results in a ±11.25 V range. Using a gain setting
of 10, there is ±1.125 V maximum across RSENSE, resulting in
current ranges of ±5.625 μA, ±22.5 μA, and so on (inclu-
ding overrange of ±12.5% to allow for error correction).
•
VREF = 2.5 V results in a ±5.625 V range. Using a gain setting
of 5 results in current ranges of ±5.625 μA, ±22.5 μA, and
so on (including overrange of ±12.5% to allow for error
correction).
VREF = 3.5 V results in a ±7.87 V range. Using a gain setting of
10, there is ±0.785 V maximum across RSENSE, resulting in
current ranges of ±3.92 μA, ±15.74 μA, and so on (including
overrange of ±12.5% to allow for error correction).
VMID VOLTAGE
The midcode voltage (VMID) is used in the measure current
amplifier block to center the current ranges about 0 A. This
is required to ensure that the quoted current ranges can be
achieved when using offset DAC settings other than the default.
VMID corresponds to 0x8000 or the DAC midcode value, that
is, the middle of the voltage range set by the offset DAC setting
(see Table 13). See the block diagram in Figure 48.
VMID = 4.5 × VREF × (32,768/216) − (3.5 × VREF ×
(OFFSET_DAC_CODE/216))
or
VMID = 3.5 × VREF × ((42,130 − OFFSET_DAC_CODE)/216)
VMIN = −3.5 × VREF × (OFFSET_DAC_CODE/216)
VREF
VTOP
VMID
VDAC_MID
VOFFSET
DAC HV AMP
SEL×10
SEL×10
MEASVHx
DUTGND
INT/EXTMEASIHx
MEASURE
CURRENT
IN-AMP
MEASURE
VOLTAGE
IN-AMP
INT/EXTMEASILx
SEL×5
1R
1R
1R
1R
1R
1R
10R
10R
1R
1R
ATT
R
AGND
SEL×5
5R
5R
5R
2R
7R
2R
7R
VOFFSET
DAC HV AMP
AGND
ATTB
ATTB
REFGND
MEASOUTx
ATT = ATTENUATION FOR MEASOUTx ×0.2
MI = MEASURE CURRENT
MV = MEASURE VOLTAGE
SEL×5 = MI GAIN = 5
SEL×10 = MI GAIN = 10
ATTB
ATT
MI
MV
INAMP10
INAMP1
VMIN
VDAC_MIN
DATA
ADDRESS
DAC
50Ω
Figure 48. Measure Block and VMID Influence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com