Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 20Page - Analog Devices AD5522JSVDZ Datasheet HTML 21Page - Analog Devices AD5522JSVDZ Datasheet HTML 22Page - Analog Devices AD5522JSVDZ Datasheet HTML 23Page - Analog Devices AD5522JSVDZ Datasheet HTML 24Page - Analog Devices AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices AD5522JSVDZ Datasheet HTML 27Page - Analog Devices AD5522JSVDZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 23 of 64
0.005
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
AVDD = +15.5V, AVSS = –15.5V,
OFFSET DAC = 0xA492
AVDD = +28V, AVSS = –5V,
OFFSET DAC = 0x0
AVDD = +10V, AVSS = –23V,
OFFSET DAC = 0xED87
Figure 16. Measure Current Linearity vs. Code, All Ranges,
MEASOUTx Gain = 0.2, MI Gain = 5
1.0
0.8
0.6
0.4
0.2
0
–0.2
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
GUARDINx/DUTGNDx
COMBINED LEAKAGE
V = 0V
Figure 17. Leakage Current vs. Temperature (Stress Voltage = 0 V)
2.0
1.5
1.0
0.5
0
–0.5
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
GUARDINx/DUTGNDx
COMBINED LEAKAGE
V = 12V
Figure 18. Leakage Current vs. Temperature (Stress Voltage = 12 V)
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
25
35
45
55
65
75
85
95
TEMPERATURE (°C)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
GUARDINx/DUTGNDx
COMBINED LEAKAGE
V = –12V
Figure 19. Leakage Current vs. Temperature (Stress Voltage = −12 V)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–12 –10
–8
–6
–4
–2
0
2
4
6
8
10
12
STRESS VOLTAGE (V)
EXTFOHx
CFFx
FOHx
EXTMEASIHx
EXTMEASILx
MEASVHx
GUARDINx/DUTGNDx
COMBINED LEAKAGE
TA = 25°C
Figure 20. Leakage Current vs. Stress Voltage
0
–20
–40
–60
–80
–100
–120
10
10M
100
10k
100k
1M
1k
FREQUENCY (Hz)
AVDD ACPSRR
AVSS ACPSRR
DVCC ACPSRR
Figure 21. ACPSRR at FOHx in Force Voltage Mode vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com