Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 44Page - Analog Devices AD5522JSVDZ Datasheet HTML 45Page - Analog Devices AD5522JSVDZ Datasheet HTML 46Page - Analog Devices AD5522JSVDZ Datasheet HTML 47Page - Analog Devices AD5522JSVDZ Datasheet HTML 48Page - Analog Devices AD5522JSVDZ Datasheet HTML 49Page - Analog Devices AD5522JSVDZ Datasheet HTML 50Page - Analog Devices AD5522JSVDZ Datasheet HTML 51Page - Analog Devices AD5522JSVDZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 47 of 64
Bit
Bit Name
Description
7
GAIN1
MEASOUTx output range. The MEASOUTx range defaults to the force voltage span for voltage and current
measurements, which includes some overrange to allow for offset correction. The nominal output voltage range is
±11.25 V with the default offset DAC setting, but changes for other offset DAC settings when GAIN1 = 0.
Therefore, the MEASOUTx range can be an asymmetrical bipolar voltage range. GAIN1 = 1 enables a unipolar
output voltage range, which allows the use of asymmetrical supplies or a smaller input range ADC. See Table 10
and Table 11 for more details.
6
GAIN0
MEASOUT
Function
Measure
Current
Gain
Output Voltage Range for VREF = 5 V, Offset DAC = 0xA492
GAIN1 = 0, MEASOUT Gain = 1
GAIN1 = 1, MEASOUT Gain = 0.2
MV
5 or 10
±VDUT (up to ±11.25 V)
0 V to 4.5 V
MI (GAIN0 = 0)
10
±IDUT × RRSENSE × 10 + VMID (up to ±11.25 V)
0 V to 4.5 V
MI (GAIN0 = 1)
5
±IDUT × RRSENSE × 5 + VMID (up to ±5.625 V)
0 V to 2.25 V
5
TMP ENABLE
Thermal shutdown feature. To disable the thermal shutdown feature, set the TMP ENABLE bit to 0 (thermal
shutdown is enabled by default).
4
TMP1
The TMP1 and TMP0 bits allow the user to program the temperature that triggers thermal shutdown.
3
TMP0
TMP ENABLE
TMP1
TMP0
Action
0
X
X
Thermal shutdown disabled.
1
X
X
Thermal shutdown enabled.
1
0
0
Shutdown at junction temperature of 130°C (power-on default).
1
0
1
Shutdown at junction temperature of 120°C.
1
1
0
Shutdown at junction temperature of 110°C.
1
1
1
Shutdown at junction temperature of 100°C.
2
Latched
Configure the open-drain pin (CGALM) as a latched or unlatched output pin. When high, this bit configures the
CGALM alarm output as a latched output, allowing it to drive a controller I/O without needing to poll the line
constantly. The power-on default for this pin is unlatched.
1
0
Unused bits. Set to 0.
0 (LSB)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com