Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 22Page - Analog Devices AD5522JSVDZ Datasheet HTML 23Page - Analog Devices AD5522JSVDZ Datasheet HTML 24Page - Analog Devices AD5522JSVDZ Datasheet HTML 25Page - Analog Devices AD5522JSVDZ Datasheet HTML 26Page - Analog Devices AD5522JSVDZ Datasheet HTML 27Page - Analog Devices AD5522JSVDZ Datasheet HTML 28Page - Analog Devices AD5522JSVDZ Datasheet HTML 29Page - Analog Devices AD5522JSVDZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 25 of 64
10
1M
100
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1k
FREQUENCY (Hz)
VSS
VDD
VCC
Figure 28. APCSRR at MEASOUTx in Measure Current Mode vs. Frequency
(MI Gain = 10, MEASOUT Gain = 0.2)
10
1M
100
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1k
FREQUENCY (Hz)
VSS
VDD
VCC
Figure 29. APCSRR at MEASOUTx in Measure Current Mode vs. Frequency
(MI Gain = 5, MEASOUT Gain = 0.2)
900
800
700
600
500
400
300
200
100
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
MEASURE CURRENT IN-AMP
MEASURE VOLTAGE IN-AMP
FORCE AMP
Figure 30. NSD vs. Frequency (Measured in FVMV and FVMI Mode)
CH1 20.0mV
B
W CH2 100mV
B
W
CH1 Pk-Pk 39.00mV CH2 Pk-Pk 325.8mV
CH4 5.00V
M4.00µs
1
4
2
T
10.0000µs
TA = 25°C
FOH0
MEASOUT0
LOAD
Figure 31. AC Crosstalk, FVMI Mode, PMU 0, Full-Scale Transition on One CPH
DAC, MI Gain = 10, MEASOUT Gain = 1, ±2 mA Range, CLOAD = 200 pF
CH1 20.0mV
B
W CH2 100mV
B
W
M4.00µs
1
4
2
T
10.0000µs
TA = 25°C
FOH1
MEASOUT1
LOAD
CH1 Pk-Pk 18.80mV CH2 Pk-Pk 140.0mV
CH4 5.00V
Figure 32. AC Crosstalk, FVMI Mode, PMU 1, Full-Scale Transition on One CPH
DAC, MI Gain = 10, MEASOUT Gain = 1, ±2 mA Range, CLOAD = 200 pF
CH1 10mV
B
W
M10µs
1
1
1
T
30.0µs
T
ATTACK FROM FIN1
16.70mV p-p
FOH0
FOH0
FOH0
ATTACK FROM FIN2
10.35mV p-p
ATTACK FROM FIN3
11.75mV p-p
Figure 33. AC Crosstalk at FOH0 in FI Mode from FIN DAC of Each Other PMU (Full-
Scale Transition), MI Gain = 10, MEASOUT Gain = 1, ±2 mA Range, CLOAD = 200 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com