Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 27Page - Analog Devices AD5522JSVDZ Datasheet HTML 28Page - Analog Devices AD5522JSVDZ Datasheet HTML 29Page - Analog Devices AD5522JSVDZ Datasheet HTML 30Page - Analog Devices AD5522JSVDZ Datasheet HTML 31Page - Analog Devices AD5522JSVDZ Datasheet HTML 32Page - Analog Devices AD5522JSVDZ Datasheet HTML 33Page - Analog Devices AD5522JSVDZ Datasheet HTML 34Page - Analog Devices AD5522JSVDZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 30 of 64
THEORY OF OPERATION
The AD5522 is a highly integrated, quad per-pin parametric
measurement unit (PPMU) for use in semiconductor automated
test equipment. It provides programmable modes to force a pin
voltage and measure the corresponding current (FVMI) and
to force a pin current and measure the corresponding voltage
(FIMV). The device is also capable of all other combinations,
including force high-Z and measure high-Z. The PPMU can
force or measure a voltage range of 22.5 V. It can force or
measure currents up to ±80 mA per channel using the internal
amplifier; the addition of an external amplifier enables higher
current ranges. All the DAC levels required for each PMU
channel are on chip.
FORCE AMPLIFIER
The force amplifier drives the analog output, FOHx, which
drives a programmed current or voltage to the device under
test (DUT). Headroom and footroom requirements for this
amplifier are 3 V on either end. An additional ±1 V is dropped
across the sense resistor when maximum (rated) current is
flowing through it.
The force amplifier is designed to drive DUT capacitances up
to 10 nF, with a compensation value of 100 pF. Larger DUT
capacitive loads require larger compensation capacitances.
Local feedback ensures that the amplifiers are stable when
disabled. A disabled channel reduces power consumption by
2.5 mA per channel.
COMPARATORS
Per channel, the DUT measured voltage or current is monitored
by two comparators configured as window comparators. Internal
DAC levels set the CPL (comparator low) and CPH (comparator
high) threshold values. There are no restrictions on the voltage
settings of the comparator highs and lows. CPL going higher
than CPH is not a useful operation; however, it does not cause
any problems with the device. CPOLx (comparator output low)
and CPOHx (comparator output high) are continuous time
comparator outputs.
Table 8. Comparator Output Function Using SPI Interface
Test Condition
CPOLx
CPOHx
VDUT or IDUT > CPH
0
VDUT or IDUT < CPH
1
VDUT or IDUT > CPL
1
VDUT or IDUT < CPL
0
CPH > VDUT or IDUT > CPL
1
1
When using the SPI interface, full comparator functionality is
available. When using the LVDS interface, the comparator
function is limited to one output per comparator, due to the
large pin count requirement of the LVDS interface.
When using the LVDS interface, the comparator output available
pins, CPO0 to CPO3, provide information on whether the meas-
ured voltage or current is inside or outside the set CPH and CPL
window. Information on whether the measurement was high or
low is available via the serial interface (comparator status register).
Table 9. Comparator Output Function Using LVDS Interface
Test Condition
CPOx Output
(CPL < (VDUT or IDUT)) and ((VDUT or IDUT) < CPH)
1
(CPL > (VDUT or IDUT)) or ((VDUT or IDUT) > CPH)
0
CLAMPS
Current and voltage clamps are included on chip, one clamp for
each PMU channel. The clamps protect the DUT in the event of
an open-circuit or short-circuit condition. Internal DAC levels
set the CLL (clamp low) and CLH (clamp high) levels. The clamps
work to limit the force amplifier if a voltage or current at the
DUT exceeds the set levels. The clamps also protect the DUT if
a transient voltage or current spike occurs when changing to a
different operating mode or when programming the device to a
different current range.
The voltage clamps are available while forcing current, and the
current clamps are available while forcing voltage. The user can
set up the voltage or current clamp status (enabled or disabled)
using the serial interface (system control register or PMU register).
Each clamp has a smooth, finite transition region between
normal (unclamped) operation and the final clamped level, and
an internal flag is activated within this transition zone. The
open-drain CGALM pin indicates whether one or more PMU
channels has clamped. The clamp status of an individual PMU
can be determined by polling the alarm status register using the
SPI or LVDS interface.
CLL should never be greater than CLH. For the voltage clamps,
there should be 500 mV between the CLL and CLH levels to
ensure that a region exists in the middle of the clamps where
both are off. Similarly, set current clamps ±250 mV away from 0 A.
The transfer function for voltage clamping in FI mode is
VCLL or VCLH = 4.5 × VREF × (DAC_CODE/216) −
(3.5 × VREF × (OFFSET_DAC_CODE/216)) + DUTGND
See the DAC Levels section for more information.
The transfer function for current clamping in FV mode is
ICLL or ICLH = 4.5 × VREF × ((DAC_CODE −
32,768)/216)/(RSENSE × MI_Amplifier_Gain)
where:
RSENSE is the sense resistor of the selected current range.
MI_Amplifier_Gain is the gain of the measure current
instrumentation amplifier, either 5 or 10.
Do not change clamp levels while the channel is in force mode
because this can affect the forced voltage or current applied to
the DUT. Similarly, the clamps should not be enabled or
disabled during a force operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com