Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVDZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 49Page - Analog Devices AD5522JSVDZ Datasheet HTML 50Page - Analog Devices AD5522JSVDZ Datasheet HTML 51Page - Analog Devices AD5522JSVDZ Datasheet HTML 52Page - Analog Devices AD5522JSVDZ Datasheet HTML 53Page - Analog Devices AD5522JSVDZ Datasheet HTML 54Page - Analog Devices AD5522JSVDZ Datasheet HTML 55Page - Analog Devices AD5522JSVDZ Datasheet HTML 56Page - Analog Devices AD5522JSVDZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
AD5522
Data Sheet
Rev. E | Page 52 of 64
A5
A4
A3
A2
A1
A0
MODE1
MODE0
Register Set
Addressed Register
1
0
0
0
0
1
0
1
±20 µA current range
CPL M
1
0
CPL C
1
1
CPL X1
1
0
0
0
1
0
0
1
±200 µA current range
CPL M
1
0
CPL C
1
1
CPL X1
1
0
0
0
1
1
0
1
±2 mA current range
CPL M
1
0
CPL C
1
1
CPL X1
1
0
0
1
0
0
0
1
±external current range
CPL M
1
0
CPL C
1
1
CPL X1
1
0
0
1
0
1
0
1
Voltage range
CPL M
1
0
CPL C
1
1
CPL X1
1
0
1
0
0
0
0
1
±5 µA current range
CPH M
1
0
CPH C
1
1
CPH X1
1
0
1
0
0
1
0
1
±20 µA current range
CPH M
1
0
CPH C
1
1
CPH X1
1
0
1
0
1
0
0
1
±200 µA current range
CPH M
1
0
CPH C
1
1
CPH X1
1
0
1
0
1
1
0
1
±2 mA current range
CPH M
1
0
CPH C
1
1
CPH X1
1
0
1
1
0
0
0
1
±external current range
CPH M
1
0
CPH C
1
1
CPH X1
1
0
1
1
0
1
0
1
Voltage range
CPH M
1
0
CPH C
1
1
CPH X1
1
CLL should be within the range of 0x0000 to 0x7FFF.
2
CLH should be within the range of 0x8000 to 0xFFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com