Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 67Page - STMicroelectronics L9679P Datasheet HTML 68Page - STMicroelectronics L9679P Datasheet HTML 69Page - STMicroelectronics L9679P Datasheet HTML 70Page - STMicroelectronics L9679P Datasheet HTML 71Page - STMicroelectronics L9679P Datasheet HTML 72Page - STMicroelectronics L9679P Datasheet HTML 73Page - STMicroelectronics L9679P Datasheet HTML 74Page - STMicroelectronics L9679P Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 272 page
background image
DocID029275 Rev 1
71/272
L9679P
SPI interfaces
271
VSF_V
0
0
0 VSF voltage select
Updated by SSM_RESET or SPI write
0 20V
1 25V
VINGOOD_FILT_SEL
0
-
-
Selector of filter time for VINGOOD going low (time is fixed to 3.5 μs for
VINGOOD going high)
0 1 μs
1 3.5 μs
WD1_TO_DIS
0
0
-
Disable of initial 500 ms timeout function of WD1 state machine
Updated by WSM_RESET or SPI write
0 timeout function is enabled
1 timeout function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com