Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 88Page - STMicroelectronics L9679P Datasheet HTML 89Page - STMicroelectronics L9679P Datasheet HTML 90Page - STMicroelectronics L9679P Datasheet HTML 91Page - STMicroelectronics L9679P Datasheet HTML 92Page - STMicroelectronics L9679P Datasheet HTML 93Page - STMicroelectronics L9679P Datasheet HTML 94Page - STMicroelectronics L9679P Datasheet HTML 95Page - STMicroelectronics L9679P Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 272 page
background image
SPI interfaces
L9679P
92/272
DocID029275 Rev 1
7.3.19
Scrap seed read command register (SCRAP_SEED)
ID:
2E
Type:
R
Read:
-
Write:
2E00
MAIN_SS_DIS
0
-
-
Main oscillator Spread Spectrum disable
Updated by POR or SPI write
0 Spread Spectrum enabled
1 Spread Spectrum disabled
ERBST_F_SEL[1:0]
00
-
-
ER Boost switching frequency select
Updated by POR or SPI write
00 1.88 MHz
01 2.13 MHz
10 2.00 MHz
11 2.00 MHz
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
0
0
0
0
0
0
0
0
0
0
0
SEED[7:0]
N/A N/A N/A
SEED[7:0] $00 $00 $00 Random scrap seed value - generated from a free-running 8-bit counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com