Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 12Page - STMicroelectronics L9679P Datasheet HTML 13Page - STMicroelectronics L9679P Datasheet HTML 14Page - STMicroelectronics L9679P Datasheet HTML 15Page - STMicroelectronics L9679P Datasheet HTML 16Page - STMicroelectronics L9679P Datasheet HTML 17Page - STMicroelectronics L9679P Datasheet HTML 18Page - STMicroelectronics L9679P Datasheet HTML 19Page - STMicroelectronics L9679P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 272 page
background image
Absolute maximum ratings
L9679P
16/272
DocID029275 Rev 1
62
SF7
Squib 7 high-side pin
-1.0
40
V
63
SS67
Squib 6 & 7 deployment supply pin
-0.3
40
V
64
SF6
Squib 6 high-side pin
-1.0
40
V
65
SR6
Squib 6 low-side pin
-0.3
40
V
66
GNDA
Analog ground
-0.3
0.3
V
67
SAF_CS0
SPI interface safing sensor chip select 0
-0.3
VCC+0.3
 6.5
V
68
SAF_CS1
SPI interface safing sensor chip select 1
-0.3
VCC+0.3
 6.5
V
69
SAF_CS2
SPI interface safing sensor chip select 2
-0.3
VCC+0.3
 6.5
V
70
ISOTX
ISO9141 transmit pin
-0.3
VCC+0.3
 6.5
V
71
WD2_LockOut
WD2 fault output
-0.3
VCC+0.3
 6.5
V
72
NC
Not connected
73
ISORX
ISO9141 receiver pin
-0.3
VCC+0.3
 6.5
V
74
WS1
Wheel speed output Ch1
-0.3
VCC+0.3
 6.5
V
75
WS0
Wheel speed output Ch0
-0.3
VCC+0.3
 6.5
V
76
VCCSEL
VCC select
-0.3
40
V
77
ACL
EOL disposal control input
-0.3
40
V
78
WAKEUP
Wake-up control input
-0.3
40
V
79
VBATMON
Battery line voltage monitor
-18(1)
40
V
80
VSF
Safing regulator supply output
-0.3
40
V
81
VIN
Battery connection
-0.3
40
V
82
VER
Reserve voltage
-0.3
40
V
83
ERBOOST
Energy reserve regulator output
-0.3
40
V
84
ERBSTSW
ER Boost switching output
-0.3
40
V
85
BSTGND
Boost regulators ground
-0.3
0.3
V
86
SYNCBSTSW
SYNC Boost switching output
-0.3
40
V
87
SYNCBOOST
SYNC boost output voltage
-0.3
40
V
88
SATBCKSW
SAT Buck switching output
-0.3
40
V
89
SATGND
SAT Buck regulator ground
-0.3
0.3
V
90
SATBUCK
SAT Buck output voltage
-0.3
40
-
91
VCCBCKSW
VCC Buck switch output
-0.3
40
V
92
VCCGND
VCC Buck Ground
-0.3
0.3
V
93
CVDD
Internal 3.3V regulator output
-0.3
4.6
V
94
GNDD
Digital ground
-0.3
0.3
-
95
VCC
VCC Buck voltage
-0.3
6.5
V
96
ARM1
Arming output 1
-0.3
VCC+0.3
 6.5
V
Table 2. Absolute maximum ratings (continued)
Pin#
Pin name
Pin function
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com