Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 38Page - STMicroelectronics L9679P Datasheet HTML 39Page - STMicroelectronics L9679P Datasheet HTML 40Page - STMicroelectronics L9679P Datasheet HTML 41Page - STMicroelectronics L9679P Datasheet HTML 42Page - STMicroelectronics L9679P Datasheet HTML 43Page - STMicroelectronics L9679P Datasheet HTML 44Page - STMicroelectronics L9679P Datasheet HTML 45Page - STMicroelectronics L9679P Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 272 page
background image
Start-up and power control
L9679P
42/272
DocID029275 Rev 1
The user can decide the charge and discharge time based on the ER CAP used in
application, in order to maximize the differential voltage and then improve the accuracy.
Anyway, a timeout on ER Discharge current has been implemented to prevent thermal
issue, so the discharge time cannot be longer than 350 ms.
Figure 16. ER CAP measurement timing diagram
The following formulas can be used to retrieve the ER CAP value from the voltage and
timing measurements.
V
1
V
2
+
I1 ILEAK
+
C
---------------------------T1
I2 ILEAK
C
--------------------------T2
+
=
C
2IT

Vstart Vend 2Vstop
+
----------------------------------------------------------------
=
T1 = discharge time
T2 = charge time, same as discharge time
T1 = T2 = T
V1 = Vstart - Vstop
V2 = Vend - Vstop
I1 = discharge current
I2 = charge current, same as discharge current
I1 = I2 = I
ILEAK = leakage current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com