Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 20Page - STMicroelectronics L9679P Datasheet HTML 21Page - STMicroelectronics L9679P Datasheet HTML 22Page - STMicroelectronics L9679P Datasheet HTML 23Page - STMicroelectronics L9679P Datasheet HTML 24Page - STMicroelectronics L9679P Datasheet HTML 25Page - STMicroelectronics L9679P Datasheet HTML 26Page - STMicroelectronics L9679P Datasheet HTML 27Page - STMicroelectronics L9679P Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 272 page
background image
Overview and block diagram
L9679P
24/272
DocID029275 Rev 1
5.1
Power supply
Integrated 1.882 MHz boost regulator, 33 V ± 5% or 23 V ± 5% nominal output
Integrated 1.882 MHz boost regulator,12 V/14.75 V nominal output, user selectable via
SPI command
Integrated 1.882 MHz synchronous buck regulator, 7.2 V/9 V ± 4% nominal output,
user selectable via SPI command
Integrated 1.882 MHz synchronous buck regulator, 5 V ± 3% or 3.3 V ± 3% nominal
output, user selectable via VCCSEL pin
Over and under voltage detection and shutdown for all regulators
Under-voltage lockout to guarantee buck regulator outputs disabled and discharged
Integrated energy reserve capacitor fixed constant current source (50 mA, nominal)
switch for controlled inrush and charge characteristics
Integrated energy reserve diagnostics, capacitor value and ESR
Integrated energy reserve crossover switch with current limit and battery input voltage
monitoring
Crossover switch ‘active’ output signal
Integrated 25 V/20 V SPI selectable linear regulator for high side safing FET gate
supply enabled via SPI or arming logic
Reset output
5.2
Deployment drivers
8 high side deployment drivers, 8 low side deployment drivers
User programmable deployment options
1.20 A or 1.75 A minimum
programmable time in 0.1ms increments
Capability to deploy a squib with a minimum current of 1.2 / 1.75 A and the low side
FET shorted to ground up to 25 V on SSxy
Independently-controlled high-side and low-side FETs
Squib resistance measurement
Firing current monitor feature
High and low side FET tests
Open & shorts diagnostics, including between loop drivers
Independent fire enable logic, SPI and discrete digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com