Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 36Page - STMicroelectronics L9679P Datasheet HTML 37Page - STMicroelectronics L9679P Datasheet HTML 38Page - STMicroelectronics L9679P Datasheet HTML 39Page - STMicroelectronics L9679P Datasheet HTML 40Page - STMicroelectronics L9679P Datasheet HTML 41Page - STMicroelectronics L9679P Datasheet HTML 42Page - STMicroelectronics L9679P Datasheet HTML 43Page - STMicroelectronics L9679P Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 272 page
background image
Start-up and power control
L9679P
40/272
DocID029275 Rev 1
Figure 12. ERBOOST regulator state diagram
6.4
Energy reserve capacitor charging and discharging circuits
The energy reserve capacitor connected to VER pin can be charged in an efficient way by
means of a current generator. Its capability is 50 mA nominal, so that for example a 10 mF
capacitor can be charged in approximately 4.8 s to 24 V. The current generator is activated
or deactivated by SPI command only while in ACTIVE mode. When not in ACTIVE mode,
the generator is always switched off in order to decouple ERBOOST node voltage from VER
reserve voltage.
Figure 13. ER charge state diagram
L9679P also offers a safe control to discharge the ER capacitor by means of a fixed current
generator. This discharge can be controlled via SPI command while not in SLEEP mode.
Furthermore, this discharge circuit is mutually exclusive with the ER charging circuit, to
avoid inefficient way of controlling the charge on the VER energy reserve capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com