Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 14Page - STMicroelectronics L9679P Datasheet HTML 15Page - STMicroelectronics L9679P Datasheet HTML 16Page - STMicroelectronics L9679P Datasheet HTML 17Page - STMicroelectronics L9679P Datasheet HTML 18Page - STMicroelectronics L9679P Datasheet HTML 19Page - STMicroelectronics L9679P Datasheet HTML 20Page - STMicroelectronics L9679P Datasheet HTML 21Page - STMicroelectronics L9679P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 272 page
background image
Operative maximum ratings
L9679P
18/272
DocID029275 Rev 1
3
Operative maximum ratings
Within the operating ratings the part operates as specified and without parameter
deviations. Once taken beyond the operative ratings and returned back within, the part will
recover with no damage or degradation.
Additional supply voltage and temperature conditions are given separately at the beginning
of each specification table.
Table 3. Operative maximum ratings
Pin
#
Pin name
Pin function
Min
Max
Unit
1
CS_RS
Remote SPI interface chip select
-0.1
VCC+0.1
 5.5
V
2
SCLK_RS
Remote SPI interface clock
-0.1
VCC+0.1
 5.5
V
3
MOSI_RS
Remote SPI interface data in
-0.1
VCC+0.1
 5.5
V
4
MISO_RS
Remote SPI interface data out
-0.1
VCC+0.1
 5.5
V
5
RESET
Reset output
-0.1
VCC+0.1
 5.5
V
6
MISO_G
Global SPI interface data out
-0.1
VCC+0.1
 5.5
V
7
MOSI_G
Global SPI interface data in
-0.1
VCC+0.1
 5.5
V
8
SCLK_G
Global SPI interface clock
-0.1
VCC+0.1
 5.5
V
9
CS_G
Global SPI interface chip select
-0.1
VCC+0.1
 5.5
V
10
WDT/TM
Watchdog disable
-0.1
15
V
11
SR4
Squib 4 low-side pin
-0.1
SS45
V
12
SF4
Squib 4 high-side pin
-1.0
SS45
V
13
SS45
Squib 4 & 5 deployment supply pin
-0.1
VER
V
14
SF5
Squib 5 high-side pin
-1.0
SS45
V
15
SR5
Squib 5 low-side pin
-0.1
SS45
V
16
SR0
Squib 0 low-side pin
-0.1
SS01
V
17
SF0
Squib 0 high-side pin
-1.0
SS01
V
18
SS01
Squib 0 & 1 deployment supply pin
-0.1
VER
V
19
SF1
Squib 1 high-side pin
-1.0
SS01
V
20
SR1
Squib 1 low-side pin
-0.1
SS01
V
21
NC
Not connected
22
NC
Not connected
23
NC
Not connected
24
NC
Not connected
25
NC
Not connected
26
DCS8
DC sensor interface channel 8
-1
18
V
27
DCS7
DC sensor interface channel 7
-1
18
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com