Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 68Page - STMicroelectronics L9679P Datasheet HTML 69Page - STMicroelectronics L9679P Datasheet HTML 70Page - STMicroelectronics L9679P Datasheet HTML 71Page - STMicroelectronics L9679P Datasheet HTML 72Page - STMicroelectronics L9679P Datasheet HTML 73Page - STMicroelectronics L9679P Datasheet HTML 74Page - STMicroelectronics L9679P Datasheet HTML 75Page - STMicroelectronics L9679P Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 272 page
background image
SPI interfaces
L9679P
72/272
DocID029275 Rev 1
7.3.3
System control register (SYS_CTL)
ID:
02
Type:
R/W
Read:
0200
Write:
0004
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
x
MISO
0000
0
RESTART_SYBST_SEL
0-
-
Selection of comparator used to restart sync boost in erstate (don't care in
case SYS_CTL(KEEP_SYNCBST_ON) bit is high)
0 VIN comparator is used; syncboost is switched off entering erstate and
switched on once VIN goes above VIN_fastslope threshold.
1 SYNCBST comparator is used; syncboost is switched off entering
erstate and switched on when SYNCBST voltage falls down
VSYNCBST_RESTART_TH threshold (this condition requires that
SYNCBST voltage has been pulled up above the same threshold
previously).
PD&VRCM_SEL
0
0
0 Squib pull down current level and VRCM leakage to GND threshold selection
0 1 mA pull down current and 450 μA VRCM leakage to GND threshold
1 5 mA pull down current and 2 mA VRCM leakage to GND threshold
KEEP_SYNCBST_ON
1
-
-
SYNC Boost behaviour during ER state
0 SYNC Boost is disabled entering in ER state
1 SYNC Boost stay enabled in ER state. If boost is OFF in ER state and
this command is received during that state the boost is switched on.
VIN_TH_SEL
0
0
0 VIN comparators threshold selector
0 VINGOOD= VINgood0
1 VINGOOD= VINgood1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com