Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 1 Page - STMicroelectronics

  L9679P Datasheet HTML 1Page - STMicroelectronics L9679P Datasheet HTML 2Page - STMicroelectronics L9679P Datasheet HTML 3Page - STMicroelectronics L9679P Datasheet HTML 4Page - STMicroelectronics L9679P Datasheet HTML 5Page - STMicroelectronics L9679P Datasheet HTML 6Page - STMicroelectronics L9679P Datasheet HTML 7Page - STMicroelectronics L9679P Datasheet HTML 8Page - STMicroelectronics L9679P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 272 page
background image
This is information on a product in full production.
May 2016
DocID029275 Rev 1
1/272
L9679P
Automotive advanced airbag IC for mid/high end applications
Datasheet
- production data
Features
 AEC-Q100 qualified
 Boost regulator for energy reserve
– 1.882 MHz operation, Iload = 55 mA max
– Output voltage user selectable, 23 V/ 33 V
±5%
– Capacitor value & ESR diagnostics
 Boost regulator for PSI-5 SYNC pulse
– 1.882 MHz operation,
– Output voltage, 12 V/14.75 V, user
configurable
 Buck regulator for remote sensor
– 1.882 MHz operation
– Output voltage, 7.2 V/9 V ±4%, user
configurable
 Buck regulator for micro controller unit
– 1.882 MHz operation
– Output voltage user selectable, 3.3 V or
5.0 V ±3%
 Integrated energy reserve crossover switch
–3 Ω - 912 mA max
– Switch active output indicator
 Battery voltage monitor & shutdown control
with Wake-up control
 System voltage diagnostics with integrated
ADC
 Squib deployment drivers
– 8 channel HSD/LSD
–25 V max deployment voltage
– Various deployment profiles
– Current monitoring
–Rmeasure, STB, STG & Leakage
diagnostics
– High & low side driver FET tests
 High side safing switch regulator and enable
control
 Two channel remote sensor interface
– PSI-5 satellite sensors
 Three channel GPO, HSD or LSD configurable,
with PWM 0-100% control
 Nine channel hall-effect, resistive or switch
sensor interface
 User customizable safing logic
 Specific disarm signal for passenger airbag
 Temporal and algorithmic Watchdog timers
 End of life disposal interface
 Temperature sensor
 32 bit SPI communications
 5.5 V minimum operating voltage at device
battery pin
 Operating temperature, -40 to 95 °C
 Packaging - 100 pin
TQFP100 exposed pad down
(14x14x1.0mm)
Table 1. Device summary
Order code
Package
Pacing
L9679P
TQFP100
Tray
L9679PTR
Tape & Reel
www.st.com


Similar Part No. - L9679P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9679P STMICROELECTRONICS-L9679P Datasheet
3Mb / 279P
Automotive advanced airbag for mid/high end applications and cut-off battery IC
23-Aug-2025
L9679PTR STMICROELECTRONICS-L9679PTR Datasheet
3Mb / 279P
Automotive advanced airbag for mid/high end applications and cut-off battery IC
23-Aug-2025
L9679P STMICROELECTRONICS-L9679P_V01 Datasheet
3Mb / 279P
Automotive advanced airbag for mid/high end applications and cut-off battery IC
23-Aug-2025
More results

Similar Description - L9679P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
Airbag Power Supply IC
logo
Sanyo Semicon Device
LV25450PNW SANYO-LV25450PNW Datasheet
1Mb / 40P
For Automotive Applications DSP Tuner Front End
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
High-Voltage Power-Management IC for Automotive Applications
logo
E&E Magnetic Products L...
824-00103R EEMAGNETIC-824-00103R Datasheet
133Kb / 2P
Suitable for Mid-span or End-span PoE applications
logo
STMicroelectronics
L9689E STMICROELECTRONICS-L9689E Datasheet
2Mb / 19P
Automotive 8 channels chip for advanced airbag applications
06-Sep-2022
L9690 STMICROELECTRONICS-L9690 Datasheet
1Mb / 24P
Automotive 12 channels chip for advanced airbag applications
September 2022 Rev 2
L9691 STMICROELECTRONICS-L9691 Datasheet
1Mb / 24P
Automotive 16 channels chip for advanced airbag applications
September 2022 Rev 2
L9966 STMICROELECTRONICS-L9966 Datasheet
3Mb / 122P
FlexInput IC for automotive applications
08-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com