Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 123 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 119Page - STMicroelectronics L9679P Datasheet HTML 120Page - STMicroelectronics L9679P Datasheet HTML 121Page - STMicroelectronics L9679P Datasheet HTML 122Page - STMicroelectronics L9679P Datasheet HTML 123Page - STMicroelectronics L9679P Datasheet HTML 124Page - STMicroelectronics L9679P Datasheet HTML 125Page - STMicroelectronics L9679P Datasheet HTML 126Page - STMicroelectronics L9679P Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 272 page
background image
DocID029275 Rev 1
123/272
L9679P
SPI interfaces
271
7.3.41
Safing algorithm configuration register (SAF_ALGO_CONF)
ID:
66
Type:
R/W
Read:
6600
Write:
00CC
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
MISO
0
000
0
NO_DATA
0
0
0 Event counter no data select
Updated by SSM_RESET or SPI write while in DIAG state
0 Event counter reset to 0 if CC=0 or (ABS value of response > limit
determined by LIM_SELx) and LIM_ENx=1 when SPI read of SAF_CC bit
is performed (end of sample cycle)
1 Event counter decremented by SUB_VAL if CC=0 or (ABS value of
response > limit determined by LIM_SELx) and LIM_ENx=1 when
SPI read of SAF_CC bit is performed (end of sample cycle)
ARMN_TH 0011 0011 0011 Negative event counter threshold to assert arming
Updated by SSM_RESET or SPI write while in DIAG state
0000 Negative event counter disabled
ARMP_TH 0011 0011 0011 Positive event counter threshold to assert arming
Updated by SSM_RESET or SPI write while in DIAG state
0000 Positive event counter disabled
SUB_VAL
011 011 011 Decremental step size of the event counter
Updated by SSM_RESET or SPI write while in DIAG state
ADD_VAL
001 001 001 Incremental step size of the event counter
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com