Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 128 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 124Page - STMicroelectronics L9679P Datasheet HTML 125Page - STMicroelectronics L9679P Datasheet HTML 126Page - STMicroelectronics L9679P Datasheet HTML 127Page - STMicroelectronics L9679P Datasheet HTML 128Page - STMicroelectronics L9679P Datasheet HTML 129Page - STMicroelectronics L9679P Datasheet HTML 130Page - STMicroelectronics L9679P Datasheet HTML 131Page - STMicroelectronics L9679P Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 272 page
background image
SPI interfaces
L9679P
128/272
DocID029275 Rev 1
7.3.47
Assignment of PSINH signal to specific Loop(s)
(LOOP_MATRIX_PSINH)
ID:
7A
Type:
R/W
Read:
7A00
Write:
00F4
7.3.48
Safing records enable register (SAF_ENABLE)
ID:
7F
Type:
R/W
Read:
7F00
Write:
00FE
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
MISO
0
000
0
0
0
0
0
0
0
0
PSINH_Ly
0
0
0 Configures PSINH for Loop_y
0 PSINH signal is not associated with Loopy
1 PSINH signal is associated with Loopy
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
XX
X
X
MISO
0
000
00
0
0
EN_SAFx
000
Safing Record enable
Updated by SSM_RESET or SPI write
0 Disable
1 Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com