Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 166 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 166 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 162Page - STMicroelectronics L9679P Datasheet HTML 163Page - STMicroelectronics L9679P Datasheet HTML 164Page - STMicroelectronics L9679P Datasheet HTML 165Page - STMicroelectronics L9679P Datasheet HTML 166Page - STMicroelectronics L9679P Datasheet HTML 167Page - STMicroelectronics L9679P Datasheet HTML 168Page - STMicroelectronics L9679P Datasheet HTML 169Page - STMicroelectronics L9679P Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 272 page
background image
Deployment drivers
L9679P
166/272
DocID029275 Rev 1
During TFETTIMEOUT period, the bit stating that the FET is enabled will be set (FETON=1)
and will be cleared as soon as the FET is switched back off.
For all conditions the current on SFx/SRx pins will not exceed the VRCM current limitation
value (ILIM_VRCM_SINK or ILIM_VRCM_SRC). There may be higher currents on the squib lines
due to the presence of filter capacitors. During these FET tests, energy available to the
squib is limited to less than EFET_TEST. For high side FET diagnostics, if no faults were
indicated in the preceding leakage diagnostics then a normal result would be [STB=1,
STG=0]. If the returned result for the high side FET test is not as the previous then either the
FET is not functional, a short to ground occurred during the test, or there is a missing SSxy
connection for that channel.
For low side FET diagnostics if no faults were indicated in the preceding leakage
diagnostics then a normal result would be [STB=0, STG=1]. If the returned result for the low
side FET test is not as the previous then either the FET is not functional or a short to battery
occurred during the test. In case of ground loss the low-side FET diagnostic would not
indicate a FET fault.
The VRCM flags will be given in the LPDIAGSTAT register. The status of the VRCM flags
after FET test is latched and can be cleared upon either LPDIAGREQ or SYSDIAGREQ SPI
commands.
Finally, after FET test is completed, the VRCM deglitch filter time is switched from the FET
test deglitch filter time (TFLT_LKGB_FT) to the leakage diagnostic test deglitch filter time
Table 11. HS FET TEST
VRCM Flags
Result
STG
STB
0
0
FET test fail
01
FET test pass
OR
Leakage to Vbat
10
FET test disabled
due to Leakage to Gd
1
1
State not possible
Table 12. LS FET TEST
VRCM Flags
Result
STG
STB
0
0
FET test fail
01
FET test disabled
due to Leakage to Vbat
10
FET test pass
OR
Leakage to GND
1
1
State not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com