Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 259 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 259 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 255Page - STMicroelectronics L9679P Datasheet HTML 256Page - STMicroelectronics L9679P Datasheet HTML 257Page - STMicroelectronics L9679P Datasheet HTML 258Page - STMicroelectronics L9679P Datasheet HTML 259Page - STMicroelectronics L9679P Datasheet HTML 260Page - STMicroelectronics L9679P Datasheet HTML 261Page - STMicroelectronics L9679P Datasheet HTML 262Page - STMicroelectronics L9679P Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 272 page
background image
DocID029275 Rev 1
259/272
L9679P
Electrical characteristics
271
9fSCRAP_SEED
Scrap seed counter
frequency
-
-
-
MHz
10
TPULSE_STRECH
Arming enable pulse stretch
time
--
-
0
ms
11
-
30
32
34
ms
12
-
242
-
270
ms
13
-
1934
-
2162
ms
14
TRISE_ARM
ARMx rise time
50 pF load, 20% to 80%
internal safing selected
-
-
1.00
μs
15
TFALL_ARM
ARMx fall time
-
-
1.00
μs
16
TRISE_PSINHB
PSINHB rise time
-
-
1.00
μs
17
TFALL_PSINHB
PSINHB fall time
-
-
1.00
μs
Table 65. Arming interface – AC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ƒosc
16
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com