Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 28Page - Analog Devices AD9674KBCZ Datasheet HTML 29Page - Analog Devices AD9674KBCZ Datasheet HTML 30Page - Analog Devices AD9674KBCZ Datasheet HTML 31Page - Analog Devices AD9674KBCZ Datasheet HTML 32Page - Analog Devices AD9674KBCZ Datasheet HTML 33Page - Analog Devices AD9674KBCZ Datasheet HTML 34Page - Analog Devices AD9674KBCZ Datasheet HTML 35Page - Analog Devices AD9674KBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 31 of 47
Table 16. Flexible Output Test Modes
OutputTest
Mode Bit
Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to
Resolution
Select
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
10 0000 0000 0000
Same
Yes
0010
Positive full-scale short
11 1111 1111 1111
Same
Yes
0011
Negative full-scale short
00 0000 0000 0000
Same
Yes
0100
Checkerboard
10 1010 1010 1010
01 0101 0101 0101
No
0101
PN sequence long
Not applicable
Not applicable
Yes
0110
PN sequence short
Not applicable
Not applicable
Yes
0111
One-word/zero-word toggle
11 1111 1111 1111
00 0000 0000 0000
No
1000
User input
Address 0x019 and Address 0x01A
Address 0x01B and Address 0x01C
No
1111
Ramp output
00 0000 0000 0000
00 0000 0000 0001
Yes
General-Purpose Output Pins
The general-purpose output pins, GPO0, GPO1, GPO2 and GPO3,
can be used in a system to provide programmable inputs to
other chips in the system. The value of each pin is set via
Address 0x00E to either Logic 0 or Logic 1 (see Table 25).
Chip Address Pins
The chip address pins can be used to address individual AD9674
chips among multiple chips in a system. The chip address mode is
enabled using Address 0x115, Bit 5 (see Table 25). If the value
written to Bits[4:0] matches the value on the chip address bit pins
(ADDR4 to ADDR0]), the device is selected and any subsequent
SPI writes or reads to addresses indicated as chip registers are
written only to that device. If chip address mode is disabled, all
addresses can be written to regardless of the value on the address
pins.
ANALOG TEST SIGNAL GENERATION
The AD9674 can generate analog test signals that can be switched
to the input of the LNA of each channel to be used for channel
gain calibration. The test signal amplitude at the LNA output is
dependent on LNA gain, as shown in Table 17.
Table 17. Test Signal Fundamental Amplitude at LNA Output
Address 0x116,
Bits[3:2], Analog
TestTones
LNA Gain
15.6 dB
LNA Gain
17.9 dB
LNA Gain
21.6 dB
00 (default)
80 mV p-p
98 mV p-p
119 mV p-p
01
160 mV p-p
196 mV p-p
238 mV p-p
10
320 mV p-p
391 mV p-p
476 mV p-p
The test signal amplitude at the input to the ADC can be calculated
given the LNA gain, attenuator control voltage, and the PGA gain.
Table 18 and Table 19 give example calculations.
Table 18. Test Signal Fundamental Amplitude at ADC Input,
VGAIN = 0 V, PGA Gain = 21 dB
Address 0x116,
Bits[3:2], Analog
TestTones
LNA Gain
15.6 dB
LNA Gain
17.9 dB
LNA Gain
21.6 dB
00 (default)
−29 dBFS
−28 dBFS
−26 dBFS
01
−23 dBFS
−22 dBFS
−20 dBFS
10
−17 dBFS
−16 dBFS
−14 dBFS
Table 19. Test Signal Fundamental Amplitude at ADC Input,
VGAIN = 0 V, PGA Gain = 30 dB
Address 0x116,
Bits [3:2], Analog
Test Tones
LNA Gain
15.6 dB
LNA Gain
17.9 dB
LNA Gain
21.6 dB
00 (default)
−20 dBFS
−19 dBFS
−17 dBFS
01
−14 dBFS
−13 dBFS
−11 dBFS
10
−8 dBFS
−7 dBFS
−5 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com