Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9674KBCZ Datasheet HTML 1Page - Analog Devices AD9674KBCZ Datasheet HTML 2Page - Analog Devices AD9674KBCZ Datasheet HTML 3Page - Analog Devices AD9674KBCZ Datasheet HTML 4Page - Analog Devices AD9674KBCZ Datasheet HTML 5Page - Analog Devices AD9674KBCZ Datasheet HTML 6Page - Analog Devices AD9674KBCZ Datasheet HTML 7Page - Analog Devices AD9674KBCZ Datasheet HTML 8Page - Analog Devices AD9674KBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Octal Ultrasound Analog Front End
Data Sheet
AD9674
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8 channels of LNA, VGA, AAF, ADC, and digital RF decimator
Low power: 150 mW per channel, TGC mode, 40 MSPS;
62.5 mW per channel, CW mode; <30 mW in power-down
Time gain compensation (TGC) channel input referred noise:
0.82 nV/√Hz, maximum gain
Flexible power-down modes
Fast recovery from low power standby mode: <2 μs
Low noise preamplifier (LNA)
Input referred noise voltage: 0.78 nV/√Hz, gain = 21.6 dB
Programmable gain: 15.6 dB/17.9 dB/21.6 dB
0.1 dB compression: 1.00 V p-p/
0.75 V p-p/0.45 V p-p
Flexible active input impedance matching
Variable gain amplifier (VGA)
Attenuator range: 45 dB, linear in dB gain control
Postamplifier gain (PGA): 21 dB/24 dB/27 dB/30 dB
Antialiasing filter (AAF)
Programmable second-order low-pass filter (LPF) from 8 MHz
to 18 MHz or 13.5 MHz to 30 MHz and high-pass filter (HPF)
Analog-to-digital converter (ADC)
Signal-to-noise ratio (SNR): 75 dB, 14 bits up to 125 MSPS
Configurable serial low voltage differential signaling (LVDS)
Continuous wave (CW) Doppler mode harmonic rejection I/Q
demodulator
Individual programmable phase rotation
Dynamic range per channel: >160 dBFS/√Hz
Close in SNR: 156 dBc/√Hz, 1 kHz offset, −3 dBFS input
Radio frequency (RF) digital HPF and decimation by 2
10 mm × 10 mm, 144-ball CSP_BGA
APPLICATIONS
Medical imaging/ultrasound
Nondestructive Testing (NDT)
GENERAL DESCRIPTION
The AD9674 is designed for low cost, low power, small size, and
ease of use for medical ultrasound. It contains eight channels of a
VGA with an LNA, a CW harmonic rejection I/Q demodulator
with programmable phase rotation, an AAF, an ADC, a digital
HPF, and RF decimation by 2.
Each channel features a maximum gain of up to 52 dB, a fully
differential signal path, and an active input preamplifier termination.
The channel is optimized for high dynamic performance and
low power in applications where a small package size is critical.
The LNA has a single-ended to differential gain that is selectable
through the serial port interface (SPI). Assuming a 15 MHz noise
bandwidth (NBW) and a 21.6 dB LNA gain, the LNA input SNR is
94 dB. In CW Doppler mode, each LNA output drives an I/Q
demodulator that has independently programmable phase
rotation with 16 phase settings.
Power-down of individual channels is supported to increase battery
life for portable applications. Standby mode allows quick power-up
for power cycling. In CW Doppler operation, the VGA, AAF, and
ADC are powered down. The ADC contains several features
designed to maximize flexibility and minimize system cost, such as
a programmable clock, data alignment, and programmable digital
test pattern generation. The digital test patterns include built in
fixed patterns, built in pseudorandom patterns, and custom
user defined test patterns entered via the SPI.


Similar Part No. - AD9674KBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9674 AD-AD9674 Datasheet
107Kb / 2P
Octal Ultrasound AFE with Digital Demodulator
Rev. Sp0
More results

Similar Description - AD9674KBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
Rev 0; 7/09
logo
Texas Instruments
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
Ultrasound Analog Front-End
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
16-Channel, Ultrasound, Analog Front-End
LM96511 TI1-LM96511_15 Datasheet
13Mb / 74P
Ultrasound Receive Analog Front End
logo
Maxim Integrated Produc...
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com