Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9674KBCZ Datasheet HTML 1Page - Analog Devices AD9674KBCZ Datasheet HTML 2Page - Analog Devices AD9674KBCZ Datasheet HTML 3Page - Analog Devices AD9674KBCZ Datasheet HTML 4Page - Analog Devices AD9674KBCZ Datasheet HTML 5Page - Analog Devices AD9674KBCZ Datasheet HTML 6Page - Analog Devices AD9674KBCZ Datasheet HTML 7Page - Analog Devices AD9674KBCZ Datasheet HTML 8Page - Analog Devices AD9674KBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 4 of 47
SPECIFICATIONS
AC SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DVDD = 1.4 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, full temperature range (0°C to 85°C),
fIN = 5 MHz, local oscillator (LO) band mode, RS = 50 Ω, RFB = ∞ (unterminated), LNA gain = 21.6 dB, LNA bias = midhigh, programmable gain
amplifier (PGA) gain = 27 dB, analog gain control, VGAIN = (GAIN+) − (GAIN−) = 1.6 V, AAF LPF cutoff = fSAMPLE/3 in Mode I1/Mode II,1 AAF
LPF cutoff = fSAMPLE/4.5 in Mode III1/Mode IV,1 HPF cutoff = LPF cutoff/12.00, Mode I1 = fSAMPLE = 40 MSPS, Mode II1 = fSAMPLE = 65 MSPS,
Mode III1 = fSAMPLE = 80 MSPS, Mode IV1 = fSAMPLE = 125 MSPS, RF decimator bypassed, digital filter bypassed, and low power LVDS mode,
unless otherwise noted. All gain setting options are listed, which can be configured via SPI registers, and all power supply currents and power
dissipations are listed for the four mode settings (Mode I, Mode II, Mode III, and Mode IV).1
Table 1.
Parameter2
Test Conditions/Comments
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Gain
Single-ended input to differential output
15.6/17.9/21.63
dB
Single-ended input to single-ended
output
9.6/11.9/15.63
dB
0.1 dB Input Compression Point
LNA gain = 15.6 dB
1.00
V p-p
LNA gain = 17.9 dB
0.75
V p-p
LNA gain = 21.6 dB
0.45
V p-p
1 dB Input Compression Point
LNA gain = 15.6 dB
1.20
V p-p
LNA gain = 17.9 dB
0.90
V p-p
LNA gain = 21.6 dB
0.60
V p-p
Input Common Mode (LI-x, LG-x)
2.2
V
Output Common Mode (LO-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Output Common Mode (LOSW-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Input Resistance (LI-x)
RFB = 300 Ω
50
Ω
RFB = 1350 Ω
200
Ω
RFB = ∞ (unterminated)
6
kΩ
Input Capacitance (LI-x)
20
pF
Input Referred Noise Voltage
RS = 0 Ω
LNA gain = 15.6 dB
0.83
nV/√Hz
LNA gain = 17.9 dB
0.82
nV/√Hz
LNA gain = 21.6 dB
0.78
nV/√Hz
Input SNR
Noise bandwidth = 15 MHz,
LNA gain = 21.6 dB
94
dB
Input Referred Noise Current
2.6
pA/√Hz
FULL CHANNEL (TGC) CHARACTERISTICS
AAF Low-Pass Cutoff
−3 dB, programmable, low band mode
8
18
MHz
−3 dB, programmable, high band mode
13.5
30
MHz
In Range AAF Bandwidth Tolerance
±10
%
Group Delay Variation
f = 1 MHz to 18 MHz, VGAIN = −1.6 V to +1.6V
±350
ps
Input Referred Noise Voltage
LNA gain = 15.6 dB
0.96
nV/√Hz
LNA gain = 17.9 dB
0.90
nV/√Hz
LNA gain = 21.6 dB
0.82
nV/√Hz
Noise Figure
RS = 50 Ω
Active Termination Matched
LNA gain = 15.6 dB, RFB = 150 Ω
5.6
dB
LNA gain = 17.9 dB, RFB = 200 Ω
4.8
dB
LNA gain = 21.6 dB, RFB = 300 Ω
3.8
dB
Unterminated
LNA gain = 15.6 dB
3.2
dB
LNA gain = 17.9 dB
2.9
dB
LNA gain = 21.6 dB
2.6
dB
Correlated Noise Ratio
No signal, correlated/uncorrelated
−30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com