Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 18Page - Analog Devices AD9674KBCZ Datasheet HTML 19Page - Analog Devices AD9674KBCZ Datasheet HTML 20Page - Analog Devices AD9674KBCZ Datasheet HTML 21Page - Analog Devices AD9674KBCZ Datasheet HTML 22Page - Analog Devices AD9674KBCZ Datasheet HTML 23Page - Analog Devices AD9674KBCZ Datasheet HTML 24Page - Analog Devices AD9674KBCZ Datasheet HTML 25Page - Analog Devices AD9674KBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 21 of 47
Low value feedback resistors and the current driving capability
of the output stage allow the LNA to achieve a low input referred
noise voltage of 0.78 nV/√Hz (at a gain of 21.6 dB). On-chip
resistor matching results in precise single-ended gains, which are
critical for accurate impedance control. The use of a fully
differential topology and negative feedback minimizes distortion.
Low second-order harmonic distortion is particularly important
in harmonic ultrasound imaging applications.
Active Impedance Matching
The LNA consists of a single-ended voltage gain amplifier with
differential outputs; the negative output is externally available on
two output pins (LO-x and LOSW-x) that are controlled via
internal switches. This configuration allows active input impedance
synthesis of three different impedance values (and an unterminated
value) by connecting up to two external resistances in parallel
and controlling the internal switch states via the SPI. For example,
with a fixed gain of 8× (17.9 dB), an active input termination is
synthesized by connecting a feedback resistor between the negative
output pin, LO-x, and the positive input pin, LI-x. This well-known
technique is used for interfacing multiple probe impedances to a
single system. The input resistance calculation is shown in
Equation 4.
 +
Ω
+
Ω
+
Ω
+
=
2
1
30
)
20
(
||
)
20
(
A
R
R
R
FB2
FB1
IN
(4)
where A/2 is the single-ended gain or the gain from the LI-x
inputs to the LO-x outputs, RFB1 and RFB2 are the external feedback
resistors, the 20 Ω is the internal switch on resistance, and the 30 Ω
is an internal series resistance common to the two internal
switches. RFB can equal to RFB1, RFB2, or (RFB1+ 20 Ω)||(RFB2+ 20 Ω)
depending on the connection status of the internal switches.
Because the amplifier has a gain of 8× from its input to its
differential output, it is important to note that the gain, A/2,
is the gain from the LI-x pin to the LO-x pin, and that it is 6 dB
less than the gain of the amplifier, or 12.1 dB (4×). The input
resistance is reduced by an internal bias resistor of 6 kΩ in parallel
with the source resistance connected to the LI-x pin and with the
LG-x pin ac grounded. Equation 5 can be used to calculate the
required RFB for a desired RIN, even for higher values of RIN.
Ω
 +
Ω
+
Ω
+
Ω
+
=
k
6
||
2
1
30
)
20
(
||
)
20
(
A
R
R
R
FB2
FB1
IN
(5)
For example, to set RIN to 200 Ω with a single-ended LNA gain of
12.1 dB (4×), the value of RFB from Equation 4 must be 950 Ω
while the switch for RFB2 is open. If the more accurate equation
(Equation 5) is used to calculate RIN, the value is then 194 Ω
instead of 200 Ω, resulting in a gain error of less than 0.27 dB.
Some factors, such as the presence of a dynamic source resistance,
may influence the absolute gain accuracy more significantly.
At higher frequencies, the input capacitance of the LNA must be
considered. The user must determine the level of matching
accuracy and adjust RFB accordingly.
RFB is the resulting impedance of the RFB1 and RFB2 combination (see
Figure 33). Using Address 0x02C in the SPI memory, the AD9674
can be programmed for four impedance matching options: three
active terminations and one unterminated option. Table 8 shows an
example of how to select RFB1 and RFB2 for RIN = 66 Ω, 100 Ω, and
200 Ω input impedances for an LNA gain = 21.6 dB (12×).
Table 8. Active Termination Example for LNA Gain = 21.6 dB,
RFB1 = 650 Ω, and RFB2 = 1350 Ω
Reg. 0x02C,
Bits[1:0]
RS (Ω)
LO-x
Switch
LOSW-x
Switch
RFB (Ω)
RIN (Ω)
(Eq. 4)
00 (default)
100
On
Off
RFB1
100
01
50
On
On
RFB1||RFB2
66
10
200
Off
On
RFB2
200
11
N/A1
Off
Off
∞
∞
1
N/A means not applicable.
The bandwidth (BW) of the LNA is greater than 80 MHz. Ultimately,
the BW of the LNA limits the accuracy of the synthesized RIN. RIN =
RS up to approximately 200 Ω. The best match is between 100 kHz
and 10 MHz where the lower frequency limit is determined by
the size of the ac coupling capacitors and the upper limit is
determined by the LNA BW. Furthermore, the input capacitance
and RS limit the BW at higher frequencies. Figure 34 shows input
resistance (RIN) vs. frequency for various RFB values.
10
100
1k
100k
1M
10M
100M
FREQUENCY (Hz)
RS = 50Ω, RFB = 200Ω, CSH = 70pF
RS = 100Ω, RFB = 400Ω, CSH = 20pF
RS = 200Ω, RFB = 800Ω
RS = 500Ω, RFB = 2kΩ
Figure 34. Input Resistance (RIN) vs. Frequency for Various RFB Values
(Effects of RS and CSH Are Also Shown)
For larger RIN values, parasitic capacitance starts rolling off the
signal BW before the LNA can produce peaking. CSH further
degrades the match; therefore, do not use CSH for values of RIN
that are greater than 100 Ω (see Figure 34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com