Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 40Page - Analog Devices AD9674KBCZ Datasheet HTML 41Page - Analog Devices AD9674KBCZ Datasheet HTML 42Page - Analog Devices AD9674KBCZ Datasheet HTML 43Page - Analog Devices AD9674KBCZ Datasheet HTML 44Page - Analog Devices AD9674KBCZ Datasheet HTML 45Page - Analog Devices AD9674KBCZ Datasheet HTML 46Page - Analog Devices AD9674KBCZ Datasheet HTML 47Page - Analog Devices AD9674KBCZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 43 of 47
Addr.
(Hex) RegisterName
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value Comments
0x02D CW_ENABLE_
PHASE
X
X
X
CW Doppler
channel
enable:
0 = off
(default),
1 = on
I/Q demodulator phase:
0000 = 0° (default),
0001 = 22.5° (not valid for 4LO mode),
0010 = 45°,
0011 = 67.5° (not valid for 4LO mode),
0100 = 90°,
0101 = 112.5° (not valid for 4LO mode),
0110 = 135°,
0111 = 157.5° (not valid for 4LO mode),
1000 = 180°,
1001 = 202.5° (not valid for 4LO mode),
1010 = 225°,
1011 = 247.5° (not valid for 4LO mode),
1100 = 270°,
1101 = 292.5° (not valid for 4LO mode),
1110 = 315°,
1111 = 337.5° (not valid for 4LO mode)
0x00
Phase of demodulators
(local, chip).
0x02E CW_LO_MODE
Partially enable
LVDS during CW
0: LVDS link
disabled during CW
(default),
1: LVDS link partially
enabled during CW,
PLL,FCO,and DCO
are enabled, while
LVDS data drivers
are disabled
(switching activity
can degrade CW
performance)
RESET± with
MLO± clock
edge:
0 = synchro-
nous
(default),
1 = asynchro-
nous
Synchro-
nous
RESET±
sampling
MLO±
clock edge:
0 = falling
(default),
1 = rising
RESET±
signal
polarity:
0 = active
high
(default),
1 = active
low
MLO± and
RESET±
buffer enable
(in all modes
except
CWmode):
0 = power
down
(default),
1 = enable
LO mode
00X = 4LO, third to fifth odd
harmonic rejection
(default)
010 = 8LO, third to fifth odd
harmonic rejection
011 = 8LO, third to 13th odd
harmonic rejection
100 = 16LO, third to fifth odd
harmonic rejection
101 = 16LO, third to 13th odd
harmonic rejection
11X = reserved
0x00
CW mode functions
(global).
0x02F CW_OUTPUT
CW output dc bias
voltage:
0 = bypass,
1 = enable (default)
0
0
0
0
0
0
0
0x80
CW dc voltage output
control (global).
0x102 RESERVED_102
0
0
0
0
0
0
0
0
0x00
Reserved.
0x103 RESERVED_103
0
0
0
0
0
0
0
0
0x00
Reserved.
0x104 RESERVED_104
0
0
1
1
1
1
1
1
0x3F
Reserved.
0x105 RESERVED_105
0
0
0
0
0
0
0
0
0x00
Reserved.
0x106 RESERVED_106
0
0
0
0
0
0
0
9
0x00
Reserved.
0x107 RESERVED_107
0
0
0
0
0
0
X
X
Read
only
Reserved.
0x108 RESERVED_108
0
0
0
0
0
0
0
0
0x00
Reserved.
0x109 VGA_TEST
X
X
X
VGA/AAF
test mode
enable:
0 = off
(default),
1 = on
X
VGA/AAF output test mode:
000 = Channel A (default),
001 = Channel B,
010 = Channel C,
011 = Channel D,
100 = Channel E,
101 = Channel F,
110 = Channel G,
111 = Channel H
0x00
VGA/AAF test mode,
enables AAF output to
GPO2 and GPO3 pins
(global).
0x10C PROFILE_INDEX
X
X
Manual
TX_TRIG:
0 = off,
use pin
(default),
1 = on,
auto
generate
TX_TRIG
(self clears)
Profile index, Bits[4:0]
0x00
Index for profile memory;
selects active profile
(global).
0x10D RESERVED_10D
1
1
1
1
1
1
1
1
0xFF
Reserved.
0x10E RESERVED_10E
1
1
1
1
1
1
1
1
0xFF
Reserved.
0x10F DIG_OFFSET_CAL
0
0
0
0
Digital offset
calibration
status:
0 = not
complete
(default),
1 = complete
Digital offset calibration:
000= disable correction, reset
correction value (default),
001 = average 210 samples,
010 = average 211 samples,
…,
111 = average 216 samples
0x00
Controls digital offset
calibration enable and
number of samples used
(global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com