Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 10Page - Analog Devices AD9674KBCZ Datasheet HTML 11Page - Analog Devices AD9674KBCZ Datasheet HTML 12Page - Analog Devices AD9674KBCZ Datasheet HTML 13Page - Analog Devices AD9674KBCZ Datasheet HTML 14Page - Analog Devices AD9674KBCZ Datasheet HTML 15Page - Analog Devices AD9674KBCZ Datasheet HTML 16Page - Analog Devices AD9674KBCZ Datasheet HTML 17Page - Analog Devices AD9674KBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 13 of 47
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
B5, B6, B8, C5 to C8, D5 to D8, E1, E5 to
E8, E12, F2, F4, F6, F7, F9, F11, G1, G3,
G5 to G8, G10, G12, H3 to H6, J4, K1,
K2, K4, M1, M12
GND
Ground. Tie to a quiet analog ground.
F1, F3, F5, F8, F10, F12, G2, G9
AVDD1
1.8 V Analog Supply.
G4, G11
DVDD
1.4 V/1.8 V Digital Supply.
E2 to E4, E9 to E11, J6, K6
AVDD2
3.0 V Analog Supply.
B7
CLNA
LNA External Capacitor.
L1, L12
DRVDD
1.8 V Digital Output Driver Supply.
C1
LO-E
LNA Analog Inverted Output for Channel E.
D1
LOSW-E
LNA Analog Switched Output for Channel E.
A1
LI-E
LNA Analog Input for Channel E.
B1
LG-E
LNA Ground for Channel E.
C2
LO-F
LNA Analog Inverted Output for Channel F.
D2
LOSW-F
LNA Analog Switched Output for Channel F.
A2
LI-F
LNA Analog Input for Channel F.
B2
LG-F
LNA Ground for Channel F.
C3
LO-G
LNA Analog Inverted Output for Channel G.
D3
LOSW-G
LNA Analog Switched Output for Channel G.
A3
LI-G
LNA Analog Input for Channel G.
B3
LG-G
LNA Ground for Channel G.
C4
LO-H
LNA Analog Inverted Output for Channel H.
D4
LOSW-H
LNA Analog Switched Output for Channel H.
A4
LI-H
LNA Analog Input for Channel H.
B4
LG-H
LNA Ground for Channel H.
H1
CLK−
Clock Input Complement.
J1
CLK+
Clock Input True.
H2
TX_TRIG−
Transmit Trigger Complement.
J2
TX_TRIG+
Transmit Trigger True.
H11
ADDR0
Chip Address Bit 0.
H10
ADDR1
Chip Address Bit 1.
H9
ADDR2
Chip Address Bit 2.
H8
ADDR3
Chip Address Bit 3.
H7
ADDR4
Chip Address Bit 4.
M2
DOUTH−
ADC Channel H Digital Output Complement.
L2
DOUTH+
ADC Channel H Digital Output True.
M3
DOUTG−
ADC Channel G Digital Output Complement.
L3
DOUTG+
ADC Channel G Digital Output True.
M4
DOUTF−
ADC Channel F Digital Output Complement.
L4
DOUTF+
ADC Channel F Digital Output True.
M5
DOUTE−
ADC Channel E Digital Output Complement.
L5
DOUTE+
ADC Channel E Digital Output True.
M6
DCO−
Digital Clock Output Complement.
L6
DCO+
Digital Clock Output True.
M7
FCO−
Frame Clock Digital Output Complement.
L7
FCO+
Frame Clock Digital Output True.
M8
DOUTD−
ADC Channel D Digital Output Complement.
L8
DOUTD+
ADC Channel D Digital Output True.
M9
DOUTC−
ADC Channel C Digital Output Complement.
L9
DOUTC+
ADC Channel C Digital Output True.
M10
DOUTB−
ADC Channel B Digital Output Complement.
L10
DOUTB+
ADC Channel B Digital Output True.
M11
DOUTA−
ADC Channel A Digital Output Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com