Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 40Page - Analog Devices AD9674KBCZ Datasheet HTML 41Page - Analog Devices AD9674KBCZ Datasheet HTML 42Page - Analog Devices AD9674KBCZ Datasheet HTML 43Page - Analog Devices AD9674KBCZ Datasheet HTML 44Page - Analog Devices AD9674KBCZ Datasheet HTML 45Page - Analog Devices AD9674KBCZ Datasheet HTML 46Page - Analog Devices AD9674KBCZ Datasheet HTML 47Page - Analog Devices AD9674KBCZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 47 of 47
OUTLINE DIMENSIONS
*COMPLIANT WITH JEDEC STANDARDS MO-275-EEAB-1
WITH THE EXCEPTION OF PACKAGE HEIGHT.
0.80
0.60
REF
A
B
C
D
E
F
G
9
10
8
11
12
7
5
6
4
2
3
1
BOTTOM VIEW
8.80
BSC SQ
H
J
K
L
M
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.12
0.50
0.45
0.40
*1.40 MAX
BALL DIAMETER
SEATING
PLANE
10.10
10.00 SQ
9.90
A1 BALL
CORNER
A1 BALL
CORNER
0.25 MIN
0.65 MIN
Figure 55. 144-Ball Chip Scale Package, Ball Grid Array [CSP_BGA]
(BC-144-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9674KBCZ
0°C to 85°C
144-Ball Chip Scale Package, Ball Grid Array [CSP_BGA]
BC-144-1
AD9670EBZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11293-0-1/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com