Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 14Page - Analog Devices AD9674KBCZ Datasheet HTML 15Page - Analog Devices AD9674KBCZ Datasheet HTML 16Page - Analog Devices AD9674KBCZ Datasheet HTML 17Page - Analog Devices AD9674KBCZ Datasheet HTML 18Page - Analog Devices AD9674KBCZ Datasheet HTML 19Page - Analog Devices AD9674KBCZ Datasheet HTML 20Page - Analog Devices AD9674KBCZ Datasheet HTML 21Page - Analog Devices AD9674KBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 17 of 47
0
–100
2
11
INPUT FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
3
4
5
6
7
8
9
10
LNA GAIN = 21.6dB
PGA GAIN = 27dB
MIN VGAIN, AOUT = –12.0dBFS
MAX VGAIN, AOUT = –1.0dBFS
THIRD-ORDER, MIN VGAIN
THIRD-ORDER, MAX VGAIN
SECOND-ORDER, MIN VGAIN
SECOND-ORDER, MAX VGAIN
Figure 21. Second-Order and Third-Order Harmonic Distortion vs. Input
Frequency, AOUT = −1.0 dBFS
0
–100
10
50
CHANNEL GAIN (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
PGA GAIN = 24dB
15
20
25
30
35
40
45
LNA GAIN = 17.9dB
LNA GAIN = 15.6dB
LNA GAIN = 21.6dB
Figure 22. Second-Order Harmonic Distortion vs. Channel Gain,
AOUT = −1.0 dBFS
0
–100
10
45
CHANNEL GAIN (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
PGA GAIN = 24dB
15
20
25
30
35
40
LNA GAIN = 15.6dB
LNA GAIN = 21.6dB
LNA GAIN = 17.9dB
Figure 23. Third-Order Harmonic Distortion vs. Channel Gain,
AOUT = −1.0 dBFS
0
–120
–40
0
ADC OUTPUT LEVEL (dBFS)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–35
–30
–25
–20
–15
–10
–5
VGAIN = 0V
VGAIN = –1.2V
VGAIN = +1.6V
Figure 24. Second-Order Harmonic Distortion vs. ADC Output Level (AOUT)
0
–120
–40
0
ADC OUTPUT LEVEL (dBFS)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–35
–30
–25
–20
–15
–10
–5
VGAIN = –1.2V
VGAIN = +1.6V
VGAIN = 0V
Figure 25. Third-Order Harmonic Distortion vs. ADC Output Level (AOUT)
–100
–160
–150
–140
–130
–120
–110
100
100k
10k
1k
OFFSET FREQUENCY FROM CARRIER (Hz)
Figure 26. TGC Path Phase Noise, LNA Gain = 21.6 dB, PGA Gain = 27 dB,
VGAIN = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com