Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9674KBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 23Page - Analog Devices AD9674KBCZ Datasheet HTML 24Page - Analog Devices AD9674KBCZ Datasheet HTML 25Page - Analog Devices AD9674KBCZ Datasheet HTML 26Page - Analog Devices AD9674KBCZ Datasheet HTML 27Page - Analog Devices AD9674KBCZ Datasheet HTML 28Page - Analog Devices AD9674KBCZ Datasheet HTML 29Page - Analog Devices AD9674KBCZ Datasheet HTML 30Page - Analog Devices AD9674KBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 26 of 47
Tuning is normally off to avoid changing the capacitor settings
during critical times. The tuning circuit is enabled through the
SPI. It is disabled automatically after 512 cycles of the ADC sample
clock. Initializing the tuning of the filter must be performed
after initial power-up and after reprogramming of the filter cutoff
scaling or the ADC sample rate. The tuning is initiated using
Address 0x02B, Bit 6.
Four SPI-programmable settings allow users to vary the high-
pass filter cutoff frequency as a function of the low-pass cutoff
frequency. Two examples are shown in Table 13: an 8 MHz low-
pass cutoff frequency and an 18 MHz low-pass cutoff frequency. In
both cases, as the ratio decreases, the amount of rejection on the
low end frequencies increases. Therefore, making the entire AAF
frequency pass band narrow can reduce low frequency noise or
maximize the dynamic range for harmonic processing.
Table 13. High-Pass Filter Cutoff Options
Addr. 0x02B[1:0]
High-Pass
Filter Cutoff
Ratio1
High-Pass Cutoff Frequency
Low-Pass
Cutoff = 8 MHz
Low-Pass
Cutoff = 18 MHz
00 (default)
12
670 kHz
1.5 MHz
01
9
890 kHz
2.0 MHz
10
6
1.33 MHz
3.0 MHz
11
3
2.67 MHz
6.0 MHz
1
Ratio means low-pass filter cutoff frequency/high-pass filter cutoff frequency.
AAF/VGA Test Mode
For debugging and testing, there is a bypass switch to view the
AAF output on the GPO2 and GPO3 pins. This mode can be
enabled via Address 0x109, Bit 4. The differential AAF output
allows only one channel to be accessed at a time. The dc output
voltage is 1.5 V (or AVDD2/2), and the maximum ac output
voltage is 2 V p-p.
ADC
The AD9674 uses a pipelined ADC architecture. The quantized
output from each stage is combined into a 14-bit result in the
digital correction logic. The pipelined architecture permits the
first stage to operate on a new input sample and the remaining
stages to operate on the preceding samples. Sampling occurs on
the rising edge of the clock.
The output staging block aligns the data, corrects errors, and
passes the data to the output buffers. The data is then serialized
and aligned to the frame and output clocks.
Clock Input Considerations
For optimum performance, clock the AD9674 sample clock inputs
(CLK+ and CLK−) with a differential signal. This signal is typically
ac-coupled into the CLK+ and CLK− pins via a transformer or
capacitors. These pins are biased internally and require no
additional bias.
Figure 39 shows the preferred method for clocking the AD9674. A
low jitter clock source, such as the Valpey Fisher oscillator, VFAC3-
BHL-50 MHz, is converted from a single-ended configuration
to a differential configuration using an RF transformer.
The back to back Schottky diodes across the secondary transformer
limit clock excursions into the AD9674 to approximately 0.8 V p-p
differential. These diodes help prevent large voltage swings of the
clock from feeding through to other portions of the AD9674, and
they preserve the fast rise and fall times of the signal, which is
critical to low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
3.3V
50Ω 100Ω
CLK–
CLK+
ADC
MINI-CIRCUITS®
ADT1-1WT, 1:1Z
XFMR
VFAC3
OUT
Figure 39. Transformer-Coupled Differential Clock
If a low jitter clock is available, another option is to ac couple a
differential positive emitter coupled logic (PECL) signal to the
sample clock input pins, as shown in Figure 40. Analog
Devices,Inc., offers a family of clock drivers with excellent jitter
performance,including the AD9516-0, AD9516-1, AD9516-2,
AD9516-3, and AD9516-5 (these five devices are represented by
AD9516-x in Figure 40, Figure 41, and Figure 42), as well as the
AD9524.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
AD9516-x OR AD9524
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
PECL DRIVER
3.3V
OUT
VFAC3
CLK–
CLK+
ADC
50Ω*
Figure 40. Differential PECL Sample Clock
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 41.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
AD9516-x OR AD9524
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
LVDS DRIVER
3.3V
OUT
VFAC3
CLK–
CLK+
ADC
50Ω*
Figure 41. Differential LVDS Sample Clock
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
drive CLK+ directly from a CMOS gate, and bypass the CLK− pin
to ground with a 0.1 µF capacitor (see Figure 42).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com