Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 25Page - Analog Devices AD9671EBZ Datasheet HTML 26Page - Analog Devices AD9671EBZ Datasheet HTML 27Page - Analog Devices AD9671EBZ Datasheet HTML 28Page - Analog Devices AD9671EBZ Datasheet HTML 29Page - Analog Devices AD9671EBZ Datasheet HTML 30Page - Analog Devices AD9671EBZ Datasheet HTML 31Page - Analog Devices AD9671EBZ Datasheet HTML 32Page - Analog Devices AD9671EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 28 of 60
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. Calculate the degradation in SNR at a given input
frequency (fA) due only to aperture jitter (tJ) as follows:
SNR Degradation = 20 × log 10(1/2 × π × fA × tJ)
(7)
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter (see Figure 43).
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9675. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock
sources, such as the Valpey Fisher VFAC3 series. If the clock is
generated from another type of source (by gating, dividing, or
other methods), it is retimed by the original clock during the
last step.
For more information on how jitter performance relates to
ADCs, refer to the AN-501 Application Note and the AN-756
Application Note.
Figure 43. Ideal SNR vs. Input Frequency and Jitter
Power Dissipation and Power-Down Mode
The power dissipated by the AD9675 is proportional to its
sample rate. The digital power dissipation does not vary
significantly because it is determined primarily by the DRVDD
supply and the bias current of the LVDS output drivers. The
AD9675 features scalable LNA bias currents (see Table 31,
Address 0x012). The default LNA bias current settings are
midhigh.
By asserting the PDWN pin high, the AD9675 is placed into
power-down mode. In this state, the device typically dissipates
5 mW. During power-down, the LVDS output drivers are placed
into a high impedance state. The AD9675 returns to normal
operating mode when the PDWN pin is pulled low. This pin is
only 1.8 V tolerant. To drive the PDWN pin from a 3.3 V logic
level, insert a 1 kΩ resistor in series with this pin to limit the
current.
By asserting the STBY pin high, the AD9675 is placed in standby
mode. In this state, the device typically dissipates 725 mW.
During standby, the entire device is powered down except the
internal references. The LVDS output drivers are placed into a
high impedance state. This mode is well suited for applications
that require power savings because it allows the device to be
powered down when not in use and then quickly powers up.
The time to power up the device is also greatly reduced. The
AD9675 returns to normal operating mode when the STBY pin
is pulled low. This pin is only 1.8 V tolerant. To drive the STBY
pin from a 3.3 V logic level, insert a 1 kΩ resistor in series with
this pin to limit the current.
In power-down mode, low power dissipation is achieved by
shutting down the reference, reference buffer, PLL, and biasing
networks. The decoupling capacitors on VREF are discharged
when entering power-down mode and must be recharged when
returning to normal operation. As a result, the wake-up time is
related to the time spent in power-down mode: shorter cycles
result in proportionally shorter wake-up times. To restore the
device to full operation, approximately 375 μs is required when
using the recommended 1 μF and 0.1 μF decoupling capacitors
on the VREF pin and the 0.01 μF decoupling capacitors on the
GAIN± pins. Most of this time is dependent on gain decoupling;
higher value decoupling capacitors on the GAIN± pins result in
longer wake-up times.
A number of other power-down options are available when using
the SPI port interface. The user can individually power down
each channel or place the entire device into standby mode. When
fast wake-up times are required, standby mode allows the user
to keep the internal PLL powered up. The wake-up time is slightly
dependent on gain. To achieve a 2 μs wake-up time when the
device is in standby mode, apply 0.8 V to the GAIN± pins.
Power and Ground Connection Recommendations
When connecting power to the AD9675, use two separate 1.8 V
supplies: one for analog (AVDD1) and one for digital (DRVDD).
If only one 1.8 V supply is available, route it to the AVDD1 pin
first and then tap it off and isolate it with a ferrite bead or a filter
choke preceded by decoupling capacitors for the DRVDD pin.
The DVDD pin can be tied to the 1.8 V DRVDD supply. When
this is done, route the DVDD supply first, tap it off, and isolate
it with a ferrite bead or filter choke preceded by decoupling
capacitors for the DRVDD pin. It is not recommended to use
the same supply for AVDD1, DVDD, and DRVDD. For
compatibility with the AD9671 or for lower power operation,
the DVDD pin can be tied to 1.4 V.
For both high and low frequencies, use several decoupling
capacitors on all supplies. Place these capacitors near the point
of entry at the PCB level and near the device, with minimal
trace lengths.
When using the AD9675, a single PCB ground plane is sufficient.
With proper decoupling and smart partitioning of the analog,
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8BITS
RMS CLOCK JITTER REQUIREMENT
0.25ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com