Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 43Page - Analog Devices AD9671EBZ Datasheet HTML 44Page - Analog Devices AD9671EBZ Datasheet HTML 45Page - Analog Devices AD9671EBZ Datasheet HTML 46Page - Analog Devices AD9671EBZ Datasheet HTML 47Page - Analog Devices AD9671EBZ Datasheet HTML 48Page - Analog Devices AD9671EBZ Datasheet HTML 49Page - Analog Devices AD9671EBZ Datasheet HTML 50Page - Analog Devices AD9671EBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 46 of 60
Table 30. AD9675 SPI Write Start-Up Sequence Example
Address
Value
Description
0x000
0x3C
Initiate SPI reset
0x002
0x0X (default)
Set speed mode to 40 MSPS
0x0FF
0x01
Enable speed mode change
0x004
0x0F
Set local registers to all channels
0x005
0x3F
Set local registers to all channels
0x113
0x00
Bypass RF decimator, enable high-pass filter
0x011
0x06 (default)
Set LNA gain= 21.6 dB, GAIN± pins enabled, and PGA gain = 24 dB
0xF00
0xFF
Continuous run mode enable; do not power down channels (POWER_STOP LSB)
0xF01
0x7F
Continuous run mode enable; do not power down channels (POWER_STOP MSB)
0xF02
0x00
Power up all channels 0 clock cycles after TX_TRIG± signal assertion (POWER_START LSB)
0xF03
0x80
Digital high-pass bypassed (POWER_START MSB)
0x10C1
0x00 (default)
Set index profile (required after profile memory writes)
0x014
0x00
Set output data format
0x008
0x00
Chip run (TGC mode)2
0x021
0x12
16-bit, four-lane mode
0x199
0x80
Enables automatic serializer/deserializer (SERDES) sample clock counter
0x142
0x04
ILAS enabled
0x188
0x01
Enable start code identifier
0x18B
0x27
Set start code MSB
0x18C
0x72
Set start code LSB
0x150
0x03
JESD204B scrambler disabled and four-lane configuration (L = 4)
0x182
0x82
Automatically configures PLL
0x181
0x02
PLL N-divider = ÷20
0x186
0xAA
Disable continuous data resync (continuous data resync is not recommended during real-time
scanning; one time data resync is sufficient)
0x10C3
0x20
Set SPI TX_TRIG± and index profile
0x00F
0x18
Set low-pass filter cutoff frequency, bandwidth mode
0x02B
0x40
Set analog LPF and HPF to defaults, tune filters4
1 Setting the profile index requires an additional SPI write in SPI MSB mode before the chip is run to complete the current profile buffer update.
2 Running the chip from full power-down mode requires 375 μs wake up time as listed in Table 3.
3 Soft TX_TRIG switches the RF decimator and filter to a running state. The soft TX_TRIG may not be needed if a hardware TX_TRIG signal is used to run the digital block.
4 Tuning the filters requires 512 ADC clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com