Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 28Page - Analog Devices AD9671EBZ Datasheet HTML 29Page - Analog Devices AD9671EBZ Datasheet HTML 30Page - Analog Devices AD9671EBZ Datasheet HTML 31Page - Analog Devices AD9671EBZ Datasheet HTML 32Page - Analog Devices AD9671EBZ Datasheet HTML 33Page - Analog Devices AD9671EBZ Datasheet HTML 34Page - Analog Devices AD9671EBZ Datasheet HTML 35Page - Analog Devices AD9671EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 31 of 60
The ILAS phase begins after SYNCINB± is deasserted (goes
high). The transmit block begins to transmit four multiframes.
Dummy samples are inserted between the required characters
so that full multiframes are transmitted.
The four multiframes have the following properties:
Multiframe 1 begins with an /R/ character (K28.0) and
ends with an /A/ character (K28.3).
Multiframe 2 begins with an /R/ character, followed by a /Q/
(K28.4) character and link configuration parameters over
14 configuration octets (see Table 15), and ends with an
/A/ character. Many of the parameter values are of the
notation of the value − 1.
Multiframe 3 is the same as Multiframe 1.
Multiframe 4 is the same as Multiframe 1.
Data Transmission Phase
By the end of the ILAS phase, data transmission starts.
Initiating a global TX_TRIG signal resets any sampling edges
within the ADC and replaces a sample with the START_CODE
(see Address 0x18B and Address 0x18C in Table 31). Aligning
the data on all lanes based on the START_CODE guarantees the
synchronization across multiple lanes and across multiple
devices.
In the data transmission phase, frame alignment is monitored
with control characters. Character replacement is used at the
end of frames. Character replacement in the transmitter occurs
in the following instances:
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame.
If scrambling is enabled and the last octet of the multiframe is
equal to 0x7C, or the last octet of a frame is equal to 0xFC.
Table 15. 14 Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit 0
(LSB)
0
DID[7:0]
1
0
0
0
0
BID[3:0]
2
0
0
0
LID[4:0]
3
SCR
0
0
L[4:0]
4
F[7:0]
5
0
0
0
K[4:0]
6
M[7:0]
7
CS[1:0]
0
N[4:0]
8
0
0
0
N'[4:0]
9
0
0
0
S[4:0]
10
HD
0
0
CF[4:0]
11
Reserved, don’t care
12
Reserved, don’t care
13
FCHK[7:0]
Link Setup Parameters
The following steps demonstrate how to configure the AD9675
JESD204B interface and the outputs.
1.
Disable lanes before changing the configuration
2.
Select the converter and lane configuration
3.
Configure the tail bits and control bits
4.
Set the lane identification values
5.
Set the number of frame per multiframe, K
6.
Enable scramble, SCR
7.
Set the lane synchronization options
8.
Check FCHK, checksum of JESD204B interface parameters
9.
Set additional digital output configuration options
10. Reenable lane(s) after configuration
Disable Lanes
Before modifying the JESD204B link parameters, disable the
link and hold it in reset. This is accomplished by writing a
Logic 1 to Address 0x142, Bit 0.
Converter and Lane Configuration
The JESD204B M parameter (number of converters) is set to 8
(Address 0x153 = 0x07).
The lane configuration is set in Address 0x150, Bits[1:0] such
that 00 = one lane per link, 01 = two lanes per link, or 11 = four
lanes per link. The channel data (A to H) is placed on the
JESD204B lanes according Table 16.
Table 16. Channel to JESD204B Lane Mapping
L
SERDOUT1±
SERDOUT2±
SERDOUT3±
SERDOUT4±
1
A, B, C, D, E, F,
G, H
Power-down
Power-down
Power-down
2
A, B, C, D
Power-down
E, F, G, H
Power-down
4
A, B
C, D
E, F
G, H
Configure the Tail Bits and Control Bits
With N' = 16 and N = 14, two tail bits are available per sample
for transmitting additional information over the JESD204B link.
Tail bits are dummy bits sent over the link to complete the two
octets and do not convey any information about the input signal.
Tail bits can be fixed zeros (default) or pseudorandom numbers
(Address 0x142, Bit 6).
Set Lane Identification Values
JESD204B allows parameters to identify the device and lane.
These parameters are transmitted during the ILAS phase, and they
are accessible in the internal registers.
There are three identification values: device identification
(DID), bank identification (BID), and lane identification (LID).
DID and BID are device specific; therefore, they can be used for
link identification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com