Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 37Page - Analog Devices AD9671EBZ Datasheet HTML 38Page - Analog Devices AD9671EBZ Datasheet HTML 39Page - Analog Devices AD9671EBZ Datasheet HTML 40Page - Analog Devices AD9671EBZ Datasheet HTML 41Page - Analog Devices AD9671EBZ Datasheet HTML 42Page - Analog Devices AD9671EBZ Datasheet HTML 43Page - Analog Devices AD9671EBZ Datasheet HTML 44Page - Analog Devices AD9671EBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 40 of 60
DIGITAL RF DECIMATOR
The AD9675 contains digital processing capability. Each channel
has two stages of processing that are available: RF decimator and
high-pass filter. For test purposes, the input to the decimator can
serve as a test waveform. Normally, the input is the output of the
ADC. The output of the decimator/filter is sent to the framer/
serializer for output formatting.
The maximum data rate of the framer/serializer is 65 MSPS.
Therefore, if the sample of the ADC is greater than 65 MSPS,
enable the RF decimator (fixed rate of 2). The ADC resolution
is 14 bits. Saturation of the ADC is determined after the dc offset
calibration to ensure maximum dynamic range.
VECTOR PROFILE
To minimize the time needed to reconfigure device settings
during operation, the device supports configuration profiles.
The user can store up to 32 profiles in the device. A profile is
selected by a 5-bit index. A profile consists of a 64-bit vector,
as described in Table 27. Each parameter is concatenated to
form the 64-bit profile vector. The profile memory starts at
Register 0xF00 and ends at Register 0xFFF. Write the memory
in either stream or address selected data mode. However, the
user must read the memory using stream mode. When writing
or reading in stream mode while the SPI configuration is set to
MSB first mode (default setting for register 0x000) then the
write/read address needs to refer to the last register address, not
the first one. For example, writing or reading the first profile
that spans the address space between 0xF00 and 0xF07, and the
SPI port is configured as MSB first, then the referenced address
must be 0xF07 to allow reading or writing the profile 64 bits in
MSB mode. For more information about stream mode, see the
AN-877 Application Note, Interfacing to High Speed ADCs via SPI.
There is a buffer used to store the current profile data. When
the profile index is written in Register 0x10C, the selected
profile is read from memory and stored in the current profile
buffer. The profile memory is read/written in the SPI clock
domain. Once the SPI writes the profile index value, it takes
four SPI clock cycles to read the profile from RAM and store it
in the current profile buffer. If the SPI is in LSB mode, these
additional SPI clock cycles are provided when the profile index
register is written. If the SPI is in MSB mode, an additional byte
needs to be read or written to update the profile buffer.
Updating profile memory does not affect the data in the profile
buffer. The profile index register must be written to cause a
refresh of the current profile data, even if the profile index
register is written with the same value.
Figure 56. Simplified Block Diagram of a Single Channel of RF Decimator
Table 27. Profile Definition
Field
No. of Bits
Description
Reserved
32
Reserved
HPF Bypass
1
Digital high-pass filter bypass
0 = disable (filter enabled)
1 = enable (filter bypassed)
POWER_START
15
ADC clock cycles counted from the TX_TRIG signal assertion when the active channels are powered up
0x0000 = 0 clock cycles
0x0001 = 1 clock cycle
…
0x7FFF = 32,767 clock cycles
Reserved
1
Reserved
POWER_STOP
15
ADC clock cycles counted from the TX_TRIG signal assertion when the active channels are powered down
0x0000 = 0 clock cycles
0x0001 = 1 clock cycle
…
0x7FFF = continuous run mode
ADC OUTPUT OR
TEST WAVEFORM
DC OFFSET
CALIBRATION
RF DECIMATOR
MULTIBAND AAF
DECIMATE BY 2
FRAMER
SERIALIZER
HIGH-PASS
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com