Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 36Page - Analog Devices AD9671EBZ Datasheet HTML 37Page - Analog Devices AD9671EBZ Datasheet HTML 38Page - Analog Devices AD9671EBZ Datasheet HTML 39Page - Analog Devices AD9671EBZ Datasheet HTML 40Page - Analog Devices AD9671EBZ Datasheet HTML 41Page - Analog Devices AD9671EBZ Datasheet HTML 42Page - Analog Devices AD9671EBZ Datasheet HTML 43Page - Analog Devices AD9671EBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 39 of 60
CW DOPPLER OPERATION
Each channel of the AD9675 includes an I/Q demodulator.
Each demodulator has an individual programmable phase shifter.
The I/Q demodulator is ideal for phased array beamforming
applications in medical ultrasound. Each channel can be
programmed for 16 phase settings/360° (or 22.5°/step), selectable
via the SPI port. The device has a RESET± input that is used to
synchronize the LO dividers of each channel. If multiple AD9675
devices are used, a common reset across the array ensures a
synchronized phase for all channels. If the RESET± input is not
used, tie each input pin to ground. Internal to the AD9675, the
individual Channel I and Channel Q outputs are current summed.
If multiple AD9675 devices are used, current sum and convert the
I and Q outputs from each AD9675 to a voltage using an external
transimpedance amplifier.
Quadrature Generation
The internal 0° and 90° LO phases are digitally generated by a
divide-by-M logic circuit, where M is 4, 8, or 16. The internal
divider is selected via Address 0x02E, Bits[2:0] (see Table 31). The
divider is dc-coupled and inherently broadband; the maximum
LO frequency is limited only by its switching speed. Ensure that
the duty cycle of the quadrature LO signals is as near 50% as
possible for the 4LO and 8LO modes. The 16LO mode does not
require a 50% duty cycle. Furthermore, the divider is implemented
such that the multiple local oscillator (MLO) signal reclocks the
final flip-flops that generate the internal LO signals and thereby
minimizes noise introduced by the divide circuitry.
For optimum performance, the MLO signal input is driven
differentially, as on the AD9675 evaluation board. The common-
mode voltage on each pin is approximately 1.2 V with the
nominal 3 V supply. It is important to ensure that the MLO source
have very low phase noise (jitter), a fast slew rate, and an
adequate input level to obtain optimum performance of the CW
signal chain.
Beamforming applications require a precise channel-to-channel
phase relationship for coherence among multiple channels. The
RESET± input is provided to synchronize the LO divider
circuits in different AD9675 devices when they are used in
arrays. The RESET± input is a synchronous edge-triggered
input that resets the dividers to a known state after power is
applied to multiple AD9675 devices. The RESET± signal can be
either a continuous signal or a single pulse, and it can be either
synchronized with the MLO± clock edge (recommended) or it
can be asynchronous. If a continuous signal is used for the
RESET±, it must be at the LO rate. For synchronous RESET±,
the device can be configured to sample the RESET± signal with
either the falling or rising edge of the MLO± clock, which
makes it easier to align the RESET± signal with the opposite
MLO± clock edge. Register 0x02E is used to configure the
RESET signal behavior. Synchronize the RESET± input to the
MLO signal input. Achieve accurate channel-to-channel phase
matching via a common clock on the RESET± input when using
more than one AD9675.
I/Q Demodulator and Phase Shifter
The I/Q demodulators consist of double-balanced, harmonic
rejection, passive mixers. The RF input signals are converted
into currents by transconductance stages that have a maximum
differential input signal capability of matching the LNA output
full scale. These currents are then presented to the mixers that
convert them to baseband (RF − LO) and 2× RF (RF + LO).
The signals are phase shifted according to the codes that are
programmed into the SPI latch (see Table 26). The phase shift
function is an integral part of the overall circuit. The phase shift
listed in Table 26 is defined as being between the baseband I or
Q channel outputs. As an example, for a common signal applied
to a pair of RF inputs to an AD9675, the baseband outputs are
in phase for matching phase codes. However, if the phase code
for Channel 1 is 0000 and the phase code for Channel 2 is 0001,
Channel 2 leads Channel 1 by 22.5°.
Table 26. Phase Select Code for Channel-to-Channel Phase Shift
Phase Shift
I/Q Demodulator Phase (Address 0x02D[3:0])
0°
0000
22.5°
0001 (not valid in 4LO mode)
45°
0010
67.5°
0011 (not valid in 4LO mode)
90°
0100
112.5°
0101 (not valid in 4LO mode)
135°
0110
157.5°
0111 (not valid in 4LO mode)
180°
1000
202.5°
1001 (not valid in 4LO mode)
225°
1010
247.5°
1011 (not valid in 4LO mode)
270°
1100
292.5°
1101 (not valid in 4LO mode)
315°
1110
337.5°
1111 (not valid in 4LO mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com