Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 42Page - Analog Devices AD9671EBZ Datasheet HTML 43Page - Analog Devices AD9671EBZ Datasheet HTML 44Page - Analog Devices AD9671EBZ Datasheet HTML 45Page - Analog Devices AD9671EBZ Datasheet HTML 46Page - Analog Devices AD9671EBZ Datasheet HTML 47Page - Analog Devices AD9671EBZ Datasheet HTML 48Page - Analog Devices AD9671EBZ Datasheet HTML 49Page - Analog Devices AD9671EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 45 of 60
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into two sections: the chip
configuration register map (Address 0x000 to Address 0x19E)
and the profile register map (Address 0xF00 to Address 0xFFF).
Registers that are designated as local registers use the device
index in Address 0x004 and Address 0x005 to determine to
which channels of a device the command is applied. Registers
that are designated as chip registers use the chip address mode
in Address 0x115 to determine whether the device is to be
updated by writing to the chip register.
The first column of the memory map indicates the register
address, and the default value is shown in the second rightmost
column. The Bit 7 (MSB) column is the start of the default
hexadecimal value given. For example, Address 0x011, the LNA
and VGA gain adjustment register, has a default value of 0x06,
meaning that Bit 7 = 0, Bit 6 = 0, Bit 5 = 0, Bit 4 = 0, Bit 3 = 0,
Bit 2 = 1, Bit 1 = 1, and Bit 0 = 0, or 0000 0110 in binary. This
setting is the default for GAIN± pins enabled, PGA gain = 24 dB,
and LNA gain = 21.6 dB.
For more information about the SPI memory map and other
functions, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
Reserved Locations
Do not write to undefined memory locations except when
writing the default values suggested in this data sheet. Addresses
that have values marked as 0 must be considered reserved and
have a 0 written into their registers during power-up.
Default Values
After a reset, critical registers are automatically loaded with default
values. These values are indicated in Table 31, where an X refers
to an undefined feature (don’t care).
Logic Levels
An explanation of various registers follows: “bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly, “bit is cleared” is synonymous with “bit is set
to Logic 0” or “writing Logic 0 for the bit.”
RECOMMENDED START-UP SEQUENCE
To save system power during programming, the AD9675 powers
up in power-down mode. To start the device up and initialize
the data interface, the SPI commands listed in Table 30 are
recommended. At a minimum, write the profile memory for an
index of 0 (Address 0xF00 to Address 0xF07; see Table 27). If
additional profiles and coefficient memory are required, write
these profiles and coefficient memory blocks after Profile File
Memory 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com