Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 53Page - Analog Devices AD9671EBZ Datasheet HTML 54Page - Analog Devices AD9671EBZ Datasheet HTML 55Page - Analog Devices AD9671EBZ Datasheet HTML 56Page - Analog Devices AD9671EBZ Datasheet HTML 57Page - Analog Devices AD9671EBZ Datasheet HTML 58Page - Analog Devices AD9671EBZ Datasheet HTML 59Page - Analog Devices AD9671EBZ Datasheet HTML 60Page - Analog Devices AD9671EBZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 56 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x156
JTX_JV_
S_CFG
X
X
Number of
clocks
SYNCINB
signal must
be low for
synchro-
nization to
begin
0 = 2 frame
clock
cycles
1 = 4 frame
clock
cycles
(default)
0
0
0
0
Samples
per
channel
per frame
(S)
0 = 1
sample
(default,
read only)
1 = 2
samples
0x20
Number of
clocks
SYNCINB
signal must
be low for
synchro-
nization to
begin
(global)
0x157
JTX_HD_
CF_CFG
0
0
0
Control words per frame clock per link
0 0000 = 0 (default)
0 0001 = reserved
…
1 1111 = reserved
0x00
JESD204B
control
words per
frame
(global,
read only)
0x158
JTX_RES1_
CFG
0
0
0
0
0
0
0
0
0x00
Reserved
0x159
JTX_RES2_
CFG
0
0
0
0
0
0
0
0
0x00
Reserved
0x15A
JTX_
CHKSUM0_
CFG
Checksum value for Lane 1 (FCHK)
0x3C
JESD204B
checksum
value Lane 1
(global,
read only)
0x15B
JTX_
CHKSUM1_
CFG
Checksum value for Lane 2 (FCHK)
0x3D
JESD204B
checksum
value Lane 2
(global,
read only)
0x15C
JTX_
CHKSUM2_
CFG
Checksum value for Lane 3 (FCHK)
0x3E
JESD204B
checksum
value Lane 3
(global,
read only)
0x15D
JTX_
CHKSUM3_
CFG
Checksum value for Lane 4 (FCHK)
0x3F
JESD204B
checksum
value Lane 4
(global,
read only)
0x15E
RESERVED_
15E
0
1
1
0
1
1
0
0
0x3C
Reserved
0x15F
RESERVED_
15F
0
1
1
0
1
1
0
0
0x3C
Reserved
0x160
RESERVED_
160
0
1
1
0
1
1
0
0
0x3C
Reserved
0x161
RESERVED_
161
0
1
1
0
1
1
0
0
0x3C
Reserved
0x170
RESERVED_
170
0
0
0
0
0
0
0
0
0x00
Reserved
0x171
RESERVED_
171
1
1
1
1
1
1
1
1
0xFF
Reserved
0x172
RESERVED_
172
1
1
1
1
1
1
1
1
0xFF
Reserved
0x173
RESERVED_
173
0
0
0
0
0
0
0
0
0x00
Reserved
0x174
RESERVED_
174
0
0
0
0
1
1
1
1
0x0F
Reserved
0x180
JTX_CLK_
CNTL_1
1
0
0
0
0
1
1
1
0x87
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com