Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 45Page - Analog Devices AD9671EBZ Datasheet HTML 46Page - Analog Devices AD9671EBZ Datasheet HTML 47Page - Analog Devices AD9671EBZ Datasheet HTML 48Page - Analog Devices AD9671EBZ Datasheet HTML 49Page - Analog Devices AD9671EBZ Datasheet HTML 50Page - Analog Devices AD9671EBZ Datasheet HTML 51Page - Analog Devices AD9671EBZ Datasheet HTML 52Page - Analog Devices AD9671EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 48 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x0FF
DEVICE_
UPDATE
X
X
X
X
X
X
X
Update
speed
mode
0 = off
(default)
1 = on
0x00
A write to
Reg 0xFF
(value does
not matter)
resets all
default reg-
ister values
(analog and
ADC registers
only, not JESD
registers,
Reg 0x00 or
Reg 0x02[4:5])
if Reg 0x02
was prev-
iously written
since the last
reset/load of
defaults.
Program Function Registers
0x008
GLOBAL_
MODES
X
LNA input
impe-
dance
0 = 6 kΩ
(default)
1= 3 kΩ
X
0
0
Internal power-down mode
000 = chip run (TGC mode)
001 = full power-down (default)
010 = standby
011 = reset all JESD registers
100 = CW mode (TGC power-down)
0x01
Determines
generic
modes of
chip
operation
(global)
0x009
GLOBAL_
CLOCK
X
X
X
X
X
X
X
DCS
0 = off
1 = on
(default)
0x01
Turns the
internal duty
cycle
stabilizer
(DCS) on and
off (global)
0x00A
PLL_
STATUS
PLL lock
status
0 = not
locked
1 =
locked
X
X
X
X
X
X
JESD204B
link ready
status
0 = link not
ready
(default)
1 = link
ready, PLL
locked
0x00
Monitor PLL
lock and link
ready status
(read only,
global)
0x00D
TEST_IO
User test
mode
0 = con-
tinuous,
repeat
user
patterns
(1, 2, 3, 4, 1,
2, 3, 4, …)
(default)
1 = single
clock
cycle user
patterns,
then zeros
(1, 2, 3, 4,
0, 0, …)
X
Reset PN
long gen
0 = on, PN
long
running
(default)
1 = off, PN
long held
in reset
Reset PN
short
gen
0 = on,
PN short
running
(default)
1 = off,
PN short
held in
reset
Output test mode
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checkerboard output
0101 = PN sequence long
0110 = PN sequence short
0111 = one-/zero-word toggle
1000 = user input
1001 to 1110 = reserved
1111 = ramp output
0x00
When this
register is
set, the test
data is
placed on
the output
pins in place
of normal
data (local)
0x00E
GPO
X
X
X
X
General-purpose digital outputs
0x00
Values
placed on
GPO0 to
GPO3 pins
(global)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com