Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9671EBZ Datasheet HTML 1Page - Analog Devices AD9671EBZ Datasheet HTML 2Page - Analog Devices AD9671EBZ Datasheet HTML 3Page - Analog Devices AD9671EBZ Datasheet HTML 4Page - Analog Devices AD9671EBZ Datasheet HTML 5Page - Analog Devices AD9671EBZ Datasheet HTML 6Page - Analog Devices AD9671EBZ Datasheet HTML 7Page - Analog Devices AD9671EBZ Datasheet HTML 8Page - Analog Devices AD9671EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 4 of 60
SPECIFICATIONS
AC SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DVDD = 1.4 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, full temperature range (0°C to 85°C),
fIN = 5 MHz, low bandwidth mode, RS = 50 Ω, RFB = ∞ (unterminated), LNA gain = 21.6 dB, LNA bias = mid-high, PGA gain = 27 dB, analog
gain control, VGAIN (V) = (GAIN+) − (GAIN−) = 1.6 V, AAF LPF cutoff = fSAMPLE/3 (Mode I/Mode II) = fSAMPLE/4.5 (Mode III/Mode IV),
HPF cutoff = LPF cutoff/12.00, Mode I = fSAMPLE = 40 MSPS, Mode II = fSAMPLE = 65 MSPS, Mode III = fSAMPLE = 80 MSPS, Mode IV = 125 MSPS,
RF decimator bypassed (Mode I/Mode II), RF decimator enabled (Mode III/Mode IV), digital high-pass filter bypassed, JESD204B link
parameters: M = 8 and L = 2, unless otherwise noted. All gain setting options are listed, which can be configured via SPI registers, and all
power supply currents and power dissipations are listed for the four mode settings (Mode I, Mode II, Mode III, and Mode IV).
Table 1.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Gain
Single-ended input to differential output
15.6/17.9/21.6
dB
Single-ended input to single-ended output
9.6/11.9/15.6
dB
0.1 dB Input Compression Point
LNA gain = 15.6 dB
1000
mV p-p
LNA gain = 17.9 dB
750
mV p-p
LNA gain = 21.6 dB
450
mV p-p
1 dB Input Compression Point
LNA gain = 15.6 dB
1200
mV p-p
LNA gain = 17.9 dB
900
mV p-p
LNA gain = 21.6 dB
600
mV p-p
Input Common Mode (LI-x, LG-x)
2.2
V
Output Common Mode (LO-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Output Common Mode (LOSW-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Input Resistance (LI-x)
RFB = 300 Ω, LNA gain = 21.6 dB
50
Ω
RFB = 1350 Ω, LNA gain = 21.6 dB
200
Ω
6
kΩ
Input Capacitance (LI-x)
22
pF
Input Referred Noise Voltage
RS = 0 Ω
LNA gain = 15.6 dB
0.83
nV/√Hz
LNA gain = 17.9 dB
0.82
nV/√Hz
LNA gain = 21.6 dB
0.78
nV/√Hz
Input Signal-to-Noise Ratio
Noise bandwidth = 15 MHz
94
dB
Input Noise Current
2.6
pA/√Hz
FULL CHANNEL CHARACTERISTICS
Time gain control (TGC)
AAF Low-Pass Cutoff
−3 dB, programmable, low bandwidth mode
8
18
MHz
−3 dB, programmable, high bandwidth mode
13.5
30
MHz
In Range AAF Bandwidth
Tolerance
±10
%
Group Delay Variation
f = 1 MHz to 18 MHz, VGAIN = −1.6 V to +1.6 V
±350
ps
Input Referred Noise Voltage
LNA gain = 15.6 dB
0.96
nV/√Hz
LNA gain = 17.9 dB
0.90
nV/√Hz
LNA gain = 21.6 dB
0.82
nV/√Hz
Noise Figure
Active Termination Matched
LNA gain = 15.6 dB, RFB = 150 Ω
5.6
dB
LNA gain = 17.9 dB, RFB = 200 Ω
4.8
dB
LNA gain = 21.6 dB, RFB = 300 Ω
3.8
dB
Unterminated
LNA gain = 15.6 dB, RFB = ∞
3.2
dB
LNA gain = 17.9 dB, RFB = ∞
2.9
dB
LNA gain = 21.6 dB, RFB = ∞
2.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com