Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 72Page - STMicroelectronics PSD813F2 Datasheet HTML 73Page - STMicroelectronics PSD813F2 Datasheet HTML 74Page - STMicroelectronics PSD813F2 Datasheet HTML 75Page - STMicroelectronics PSD813F2 Datasheet HTML 76Page - STMicroelectronics PSD813F2 Datasheet HTML 77Page - STMicroelectronics PSD813F2 Datasheet HTML 78Page - STMicroelectronics PSD813F2 Datasheet HTML 79Page - STMicroelectronics PSD813F2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
76/110
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 39. Operating Conditions (5V devices)
Table 40. Operating Conditions (3V devices)
Table 41. AC Signal Letters for PLD Timing
Note: Example: tAVLX = Time from Address Valid to ALE Invalid.
Table 42. AC Signal Behavior Symbols for PLD
Timing
Note: Example: tAVLX = Time from Address Valid to ALE Invalid.
Table 43. AC Measurement Conditions
Note: 1. Output Hi-Z is defined as the point where data out is no longer driven.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
4.5
5.5
V
TA
Ambient Operating Temperature (industrial)
–40
85
°C
Ambient Operating Temperature (commercial)
0
70
°C
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
TA
Ambient Operating Temperature (industrial)
–40
85
°C
Ambient Operating Temperature (commercial)
0
70
°C
A
Address Input
C
CEout Output
D
Input Data
E
E Input
G
Internal WDOG_ON signal
I
Interrupt Input
L
ALE Input
N
RESET Input or Output
P
Port Signal Output
QOutput Data
RWR, UDS, LDS, DS, IORD, PSEN Inputs
S
Chip Select Input
TR/W Input
W
Internal PDN Signal
B
VSTBY Output
M
Output Macrocell
tTime
L
Logic Level Low or ALE
H
Logic Level High
V
Valid
X
No Longer a Valid Logic Level
ZFloat
PW
Pulse Width
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com