Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 87Page - STMicroelectronics PSD813F2 Datasheet HTML 88Page - STMicroelectronics PSD813F2 Datasheet HTML 89Page - STMicroelectronics PSD813F2 Datasheet HTML 90Page - STMicroelectronics PSD813F2 Datasheet HTML 91Page - STMicroelectronics PSD813F2 Datasheet HTML 92Page - STMicroelectronics PSD813F2 Datasheet HTML 93Page - STMicroelectronics PSD813F2 Datasheet HTML 94Page - STMicroelectronics PSD813F2 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
91/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Table 57. WRITE Timing (5V devices)
Note: 1. Any input used to select an internal PSD function.
2. In multiplexed mode, latched address generated from ADIO delay to address output on any port.
3. WR has the same timing as E, LDS, UDS, WRL, and WRH signals.
4. Assuming data is stable before active WRITE signal.
5. Assuming WRITE is active before data becomes valid.
6. TWHAX2 is the address hold time for DPLD inputs that are used to generate Sector Select signals for internal PSD memory.
Symbol
Parameter
Conditions
-70
-90
-15
Unit
Min
Max
Min
Max
Min
Max
tLVLX
ALE or AS Pulse Width
15
20
28
ns
tAVLX
Address Setup Time
(Note 1)
4
6
10
ns
tLXAX
Address Hold Time
(Note 1)
78
11
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1,3)
815
20
ns
tSLWL
CS Valid to Leading Edge of WR
(Note 3)
12
15
20
ns
tDVWH
WR Data Setup Time
(Note 3)
25
35
45
ns
tWHDX
WR Data Hold Time
(Note 3)
45
5
ns
tWLWH
WR Pulse Width
(Note 3)
31
35
45
ns
tWHAX1
Trailing Edge of WR to Address Invalid
(Note 3)
6
8
10
ns
tWHAX2
Trailing Edge of WR to DPLD Address
Invalid
(Note 3,6)
00
0
ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
27
30
38
ns
tDVMV
Data Valid to Port Output Valid
Using Macrocell Register
Preset/Clear
(Notes 3,5)
42
55
65
ns
tAVPV
Address Input Valid to Address
Output Delay
(Note 2)
20
25
30
ns
tWLMV
WR Valid to Port Output Valid Using
Macrocell Register Preset/Clear
(Notes 3,4)
48
55
65
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com