Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 95 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 91Page - STMicroelectronics PSD813F2 Datasheet HTML 92Page - STMicroelectronics PSD813F2 Datasheet HTML 93Page - STMicroelectronics PSD813F2 Datasheet HTML 94Page - STMicroelectronics PSD813F2 Datasheet HTML 95Page - STMicroelectronics PSD813F2 Datasheet HTML 96Page - STMicroelectronics PSD813F2 Datasheet HTML 97Page - STMicroelectronics PSD813F2 Datasheet HTML 98Page - STMicroelectronics PSD813F2 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 110 page
background image
95/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Table 62. Port A Peripheral Data Mode READ Timing (3V devices)
Figure 48. Peripheral I/O WRITE Timing
Table 63. Port A Peripheral Data Mode WRITE Timing (5V devices)
Note: 1. RD has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode).
2. WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
3. Any input used to select Port A Data Peripheral mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
Symbol
Parameter
Conditions
-12
-15
-20
Turbo
Off
Unit
MinMax
MinMax
MinMax
tAVQV–PA
Address Valid to Data Valid
(Note 3)
50
50
50
+ 20
ns
tSLQV–PA
CSI Valid to Data Valid
37
45
50
+ 20
ns
tRLQV–PA
RD to Data Valid
(Notes 1,4)
37
40
45
ns
RD to Data Valid 8031 Mode
45
45
50
ns
tDVQV–PA
Data In to Data Out Valid
38
40
45
ns
tQXRH–PA
RD Data Hold Time
0
0
0
ns
tRLRH–PA
RD Pulse Width
(Note 1)
36
36
46
ns
tRHQZ–PA
RD to Data High-Z
(Note 1)
36
40
45
ns
Symbol
Parameter
Conditions
-70
-90
-15
Unit
Min
Max
Min
Max
Min
Max
tWLQV–PA
WR to Data Propagation Delay
(Note 2)
25
35
40
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 5)
22
30
38
ns
tWHQZ–PA
WR Invalid to Port A Tri-state
(Note 2)
20
25
33
ns
tDVQV (PA)
tWLQV
(PA)
tWHQZ (PA)
ADDRESS
DATA OUT
A / D BUS
WR
PORT A
DATA OUT
ALE /AS
AI02898



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com