Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 82 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 78Page - STMicroelectronics PSD813F2 Datasheet HTML 79Page - STMicroelectronics PSD813F2 Datasheet HTML 80Page - STMicroelectronics PSD813F2 Datasheet HTML 81Page - STMicroelectronics PSD813F2 Datasheet HTML 82Page - STMicroelectronics PSD813F2 Datasheet HTML 83Page - STMicroelectronics PSD813F2 Datasheet HTML 84Page - STMicroelectronics PSD813F2 Datasheet HTML 85Page - STMicroelectronics PSD813F2 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
82/110
Table 50. CPLD Macrocell Synchronous Clock Mode Timing (3V devices)
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD0. Decrement times by given amount.
2. CLKIN (PD1) tCLCL = tCH + tCL.
Symbol
Parameter
Conditions
-12
-15
-20
PT
Aloc
Turbo
Off
Slew
rate1
Unit
MinMax
MinMax
MinMax
fMAX
Maximum
Frequency
External Feedback
1/(tS+tCO)
22.2
18.8
15.8
MHz
Maximum
Frequency
Internal Feedback
(fCNT)
1/(tS+tCO–10)
28.5
23.2
18.8
MHz
Maximum
Frequency
Pipelined Data
1/(tCH+tCL)
40.0
33.3
31.2
MHz
tS
Input Setup Time
20
25
30
+ 4
+ 20
ns
tH
Input Hold Time
0
0
0
ns
tCH
Clock High Time
Clock Input
15
15
16
ns
tCL
Clock Low Time
Clock Input
10
15
16
ns
tCO
Clock to Output
Delay
Clock Input
25
28
33
– 6
ns
tARD
CPLD Array Delay
Any macrocell
25
29
33
+ 4
ns
tMIN
Minimum Clock
Period2
tCH+tCL
25
29
32
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com