Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 92Page - STMicroelectronics PSD813F2 Datasheet HTML 93Page - STMicroelectronics PSD813F2 Datasheet HTML 94Page - STMicroelectronics PSD813F2 Datasheet HTML 95Page - STMicroelectronics PSD813F2 Datasheet HTML 96Page - STMicroelectronics PSD813F2 Datasheet HTML 97Page - STMicroelectronics PSD813F2 Datasheet HTML 98Page - STMicroelectronics PSD813F2 Datasheet HTML 99Page - STMicroelectronics PSD813F2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
96/110
Table 64. Port A Peripheral Data Mode WRITE Timing (3V devices)
Note: 1. RD has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode).
2. WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
3. Any input used to select Port A Data Peripheral mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
Figure 49. Reset (RESET) Timing
Table 65. Reset (RESET) Timing (5V devices)
Note: 1. Reset (RESET) does not reset Flash memory Program or Erase cycles.
2. Warm reset aborts Flash memory Program or Erase cycles, and puts the device in READ Mode.
Table 66. Reset (RESET) Timing (3V devices)
Note: 1. Reset (RESET) does not reset Flash memory Program or Erase cycles.
2. Warm reset aborts Flash memory Program or Erase cycles, and puts the device in READ Mode.
Symbol
Parameter
Conditions
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
tWLQV–PA
WR to Data Propagation Delay
(Note 2)
42
45
55
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 5)
38
40
45
ns
tWHQZ–PA
WR Invalid to Port A Tri-state
(Note 2)
33
33
35
ns
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET Active Low Time 1
150
ns
tNLNH–PO
Power On Reset Active Low Time
1
ms
tNLNH–A
Warm Reset (on the PSD834Fx) 2
25
µs
tOPR
RESET High to Operational Device
120
ns
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET Active Low Time 1
300
ns
tNLNH–PO
Power On Reset Active Low Time
1
ms
tNLNH–A
Warm Reset (on the PSD834Fx) 2
25
µs
tOPR
RESET High to Operational Device
300
ns
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com