Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 23Page - STMicroelectronics PSD813F2 Datasheet HTML 24Page - STMicroelectronics PSD813F2 Datasheet HTML 25Page - STMicroelectronics PSD813F2 Datasheet HTML 26Page - STMicroelectronics PSD813F2 Datasheet HTML 27Page - STMicroelectronics PSD813F2 Datasheet HTML 28Page - STMicroelectronics PSD813F2 Datasheet HTML 29Page - STMicroelectronics PSD813F2 Datasheet HTML 30Page - STMicroelectronics PSD813F2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
27/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
ERASING FLASH MEMORY
Flash Bulk Erase
The Flash Bulk Erase instruction uses six WRITE
operations followed by a READ operation of the
status register, as described in Table 9., page 21.
If any byte of the Bulk Erase instruction is wrong,
the Bulk Erase instruction aborts and the device is
reset to the Read Flash memory status.
During a Bulk Erase, the memory status may be
checked by reading the Error Flag Bit (DQ5), the
Toggle Flag Bit (DQ6), and the Data Polling Flag
Bit (DQ7), as detailed in the section entitled PRO-
GRAMMING FLASH MEMORY, page 25. The Er-
ror Flag Bit (DQ5) returns a '1' if there has been an
Erase Failure (maximum number of Erase cycles
have been executed).
It is not necessary to program the memory with
00h because the PSD automatically does this be-
fore erasing to 0FFh.
During execution of the Bulk Erase instruction, the
Flash memory does not accept any instructions.
Flash Sector Erase
The Sector Erase instruction uses six WRITE op-
erations, as described in Table 9., page 21. Addi-
tional Flash Sector Erase codes and Flash
memory sector addresses can be written subse-
quently to erase other Flash memory sectors in
parallel, without further coded cycles, if the addi-
tional bytes are transmitted in a shorter time than
the time-out period of about 100µs. The input of a
new Sector Erase code restarts the time-out peri-
od.
The status of the internal timer can be monitored
through the level of the Erase Time-out Flag Bit
(DQ3). If the Erase Time-out Flag Bit (DQ3) is ’0,’
the Sector Erase instruction has been received
and the time-out period is counting. If the Erase
Time-out Flag Bit (DQ3) is '1,' the time-out period
has expired and the PSD is busy erasing the Flash
memory sector(s). Before and during Erase time-
out, any instruction other than Suspend Sector
Erase and Resume Sector Erase instructions
abort the cycle that is currently in progress, and re-
set the device to READ Mode. It is not necessary
to program the Flash memory sector with 00h as
the PSD does this automatically before erasing
(byte = FFh).
During a Sector Erase, the memory status may be
checked by reading the Error Flag Bit (DQ5), the
Toggle Flag Bit (DQ6), and the Data Polling Flag
Bit (DQ7), as detailed in the section entitled PRO-
GRAMMING FLASH MEMORY, page 25.
During execution of the Erase cycle, the Flash
memory accepts only Reset and Suspend Sector
Erase instructions. Erasure of one Flash memory
sector may be suspended, in order to read data
from another Flash memory sector, and then re-
sumed.
Suspend Sector Erase
When a Sector Erase cycle is in progress, the Sus-
pend Sector Erase instruction can be used to sus-
pend the cycle by writing 0B0h to any address
when an appropriate Sector Select (FS0-FS7 or
CSBOOT0-CSBOOT3)
is
High.
(See
Table
9., page 21). This allows reading of data from an-
other Flash memory sector after the Erase cycle
has been suspended. Suspend Sector Erase is
accepted only during an Erase cycle and defaults
to READ Mode. A Suspend Sector Erase instruc-
tion executed during an Erase time-out period, in
addition to suspending the Erase cycle, terminates
the time out period.
The Toggle Flag Bit (DQ6) stops toggling when the
PSD internal logic is suspended. The status of this
bit must be monitored at an address within the
Flash memory sector being erased. The Toggle
Flag Bit (DQ6) stops toggling between 0.1µs and
15µs after the Suspend Sector Erase instruction
has been executed. The PSD is then automatically
set to READ Mode.
If an Suspend Sector Erase instruction was exe-
cuted, the following rules apply:
Attempting to read from a Flash memory
sector that was being erased outputs invalid
data.
Reading from a Flash sector that was not
being erased is valid.
The Flash memory cannot be programmed,
and only responds to Resume Sector Erase
and Reset Flash instructions (READ is an
operation and is allowed).
If a Reset Flash instruction is received, data in
the Flash memory sector that was being
erased is invalid.
Resume Sector Erase
If a Suspend Sector Erase instruction was previ-
ously executed, the erase cycle may be resumed
with this instruction. The Resume Sector Erase in-
struction consists of writing 030h to any address
while an appropriate Sector Select (FS0-FS7 or
CSBOOT0-CSBOOT3)
is
High.
(See
Table
9., page 21.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com