Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 97 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 93Page - STMicroelectronics PSD813F2 Datasheet HTML 94Page - STMicroelectronics PSD813F2 Datasheet HTML 95Page - STMicroelectronics PSD813F2 Datasheet HTML 96Page - STMicroelectronics PSD813F2 Datasheet HTML 97Page - STMicroelectronics PSD813F2 Datasheet HTML 98Page - STMicroelectronics PSD813F2 Datasheet HTML 99Page - STMicroelectronics PSD813F2 Datasheet HTML 100Page - STMicroelectronics PSD813F2 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
97/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Table 67. VSTBYON Timing (5V devices)
Note: 1. VSTBYON timing is measured at VCC ramp rate of 2 ms.
Table 68. VSTBYON Timing (3V devices)
Note: 1. VSTBYON timing is measured at VCC ramp rate of 2 ms.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output High
(Note 1)
20
µs
tBXBL
VSTBY Off Detection to VSTBYON Output
Low
(Note 1)
20
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output High
(Note 1)
20
µs
tBXBL
VSTBY Off Detection to VSTBYON Output
Low
(Note 1)
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com