Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 101 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 97Page - STMicroelectronics PSD813F2 Datasheet HTML 98Page - STMicroelectronics PSD813F2 Datasheet HTML 99Page - STMicroelectronics PSD813F2 Datasheet HTML 100Page - STMicroelectronics PSD813F2 Datasheet HTML 101Page - STMicroelectronics PSD813F2 Datasheet HTML 102Page - STMicroelectronics PSD813F2 Datasheet HTML 103Page - STMicroelectronics PSD813F2 Datasheet HTML 104Page - STMicroelectronics PSD813F2 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
101/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Table 73. PQFP52 - 52-pin Plastic, Quad, Flat Package Mechanical Dimensions
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
2.35
0.093
A1
0.25
0.010
A2
2.00
1.80
2.10
0.079
0.077
0.083
b
0.22
0.38
0.009
0.015
c
0.11
0.23
0.004
0.009
D
13.20
13.15
13.25
0.520
0.518
0.522
D1
10.00
9.95
10.05
0.394
0.392
0.396
D2
7.80
–
–
0.307
–
–
E
13.20
13.15
13.25
0.520
0.518
0.522
E1
10.00
9.95
10.05
0.394
0.392
0.396
E2
7.80
–
–
0.307
–
–
e
0.65
–
–
0.026
L
0.88
0.73
1.03
0.035
0.029
0.041
L1
1.60
–
–
0.063
α
0°
7°
0°
7°
N52
52
Nd
13
13
Ne
13
13
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com