Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 105 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 101Page - STMicroelectronics PSD813F2 Datasheet HTML 102Page - STMicroelectronics PSD813F2 Datasheet HTML 103Page - STMicroelectronics PSD813F2 Datasheet HTML 104Page - STMicroelectronics PSD813F2 Datasheet HTML 105Page - STMicroelectronics PSD813F2 Datasheet HTML 106Page - STMicroelectronics PSD813F2 Datasheet HTML 107Page - STMicroelectronics PSD813F2 Datasheet HTML 108Page - STMicroelectronics PSD813F2 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 110 page
background image
105/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
PART NUMBERING
Table 76. Ordering Information Scheme
For a list of available options (e.g., speed, package) or for further information on any aspect of this device,
please contact your nearest ST Sales Office.
Example:
PSD8
1
3
F
2
V
15
J
1
T
Device Type
PSD8 = 8-bit PSD with Register Logic
PSD9 = 8-bit PSD with Combinatorial Logic
SRAM Capacity
1 = 16 Kbit
3 = 64 Kbit
5 = 256 Kbit
Flash Memory Capacity
3 = 1 Mbit (128K x 8)
4 = 2 Mbit (256K x 8)
2nd Flash Memory
2 = 256 Kbit Flash memory + SRAM
3 = SRAM but no Flash memory
4 = 256 Kbit Flash memory but no SRAM
5 = no Flash memory + no SRAM
Operating Voltage
blank = VCC = 4.5 to 5.5V
V = VCC = 3.0 to 3.6V
Speed
70 = 70ns
90 = 90ns
12 = 120ns
15 = 150ns
20 = 200ns
Package
J = PLCC52
M = PQFP52
U = TQFP64
Temperature Range
blank = 0 to 70°C (commercial)
I = –40 to 85°C (industrial)
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com