Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 40Page - STMicroelectronics PSD813F2 Datasheet HTML 41Page - STMicroelectronics PSD813F2 Datasheet HTML 42Page - STMicroelectronics PSD813F2 Datasheet HTML 43Page - STMicroelectronics PSD813F2 Datasheet HTML 44Page - STMicroelectronics PSD813F2 Datasheet HTML 45Page - STMicroelectronics PSD813F2 Datasheet HTML 46Page - STMicroelectronics PSD813F2 Datasheet HTML 47Page - STMicroelectronics PSD813F2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
44/110
PSD Interface to a Multiplexed 8-Bit Bus
Figure 19 shows an example of a system using a
MCU with an 8-bit multiplexed bus and a PSD. The
ADIO port on the PSD is connected directly to the
MCU address/data bus. Address Strobe (ALE/AS,
PD0) latches the address signals internally.
Latched addresses can be brought out to Port A or
B. The PSD drives the ADIO data bus only when
one of its internal resources is accessed and Read
Strobe (RD, CNTL1) is active. Should the system
address bus exceed sixteen bits, Ports A, B, C, or
D may be used as additional address inputs.
Figure 19. An Example of a Typical 8-bit Multiplexed Bus Interface
MCU
WR
RD
BHE
ALE
RESET
AD [ 7:0]
A[ 15:8]
A[ 15: 8]
A[ 7: 0]
ADIO
PORT
PORT
A
PORT
B
PORT
C
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
(OPTIONAL)
(OPTIONAL)
PSD
AI02878C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com