Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 78 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 74Page - STMicroelectronics PSD813F2 Datasheet HTML 75Page - STMicroelectronics PSD813F2 Datasheet HTML 76Page - STMicroelectronics PSD813F2 Datasheet HTML 77Page - STMicroelectronics PSD813F2 Datasheet HTML 78Page - STMicroelectronics PSD813F2 Datasheet HTML 79Page - STMicroelectronics PSD813F2 Datasheet HTML 80Page - STMicroelectronics PSD813F2 Datasheet HTML 81Page - STMicroelectronics PSD813F2 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
78/110
Table 45. DC Characteristics (5V devices)
Note: 1. Reset (RESET) has hysteresis. VIL1 is valid at or below 0.2VCC –0.1. VIH1 is valid at or above 0.8VCC.
2. CSI deselected or internal Power-down mode is active.
3. PLD is in non-Turbo mode, and none of the inputs are switching.
4. Please see Figure 35., page 72 for the PLD current calculation.
5. IOUT = 0mA
Symbol
Parameter
Test Condition
(in addition to those in
Table 39., page 76)
Min.
Typ.
Max.
Unit
VIH
Input High Voltage
4.5 V < VCC < 5.5 V
2
VCC +0.5
V
VIL
Input Low Voltage
4.5 V < VCC < 5.5 V
–0.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
0.8VCC
VCC +0.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–0.5
0.2VCC –0.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VLKO
VCC (min) for Flash Erase and
Program
2.5
4.2
V
VOL
Output Low Voltage
IOL = 20µA, VCC = 4.5 V
0.01
0.1
V
IOL = 8mA, VCC = 4.5 V
0.25
0.45
V
VOH
Output High Voltage Except
VSTBY On
IOH = –20µA, VCC = 4.5 V
4.4
4.49
V
IOH = –2mA, VCC = 4.5 V
2.4
3.9
V
VOH1
Output High Voltage VSTBY On
IOH1 = 1µA
VSTBY – 0.8
V
VSTBY
SRAM Stand-by Voltage
2.0
VCC
V
ISTBY
SRAM Stand-by Current
VCC = 0 V
0.5
1
µA
IIDLE
Idle Current (VSTBY input)
VCC > VSTBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Stand-by Supply Current
for Power-down Mode
CSI >VCC –0.3 V (Notes
2,3)
50
200
µA
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±0.1
1
µA
ILO
Output Leakage Current
0.45 < VOUT < VCC
–10
±5
10
µA
ICC (DC)
(Note 5)
Operating
Supply
Current
PLD Only
PLD_TURBO = Off,
f = 0 MHz (Note 5)
0
µA/PT
PLD_TURBO = On,
f = 0 MHz
400
700
µA/PT
Flash memory
During Flash memory
WRITE/Erase Only
15
30
mA
Read only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
ICC (AC)
(Note 5)
PLD AC Adder
note 4
Flash memory AC Adder
2.5
3.5
mA/
MHz
SRAM AC Adder
1.5
3.0
mA/
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com